Electronic Components Datasheet Search
  English  ▼

X  

PS20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PS20
Description  Plate Capacitors with Contoured Rim - Class 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PS20 Datasheet(HTML) 2 Page - Vishay Siliconix

  PS20 Datasheet HTML 1Page - Vishay Siliconix PS20 Datasheet HTML 2Page - Vishay Siliconix PS20 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS 20, 30, 40, 55 - Class 2
Plate Capacitors with Contoured Rim - Class 2 Ceramic
Vishay Draloric
Document Number: 22084
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 14-Aug-02
2
* The surface temperature of 100 °C must not be exceeded
CAPACITANCE TOLERANCES: - 20 + 40 %
APPLICATION:
PS 20 to PS 55 plate capacitors made from Class 2 ceramic
dielectric can be used as coupling and bypass capacitors
where low power ratings are required and larger capacitance
changes with temperature can be tolerated.
PS 20
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 3500
1000
3.5
0.25
max. 5
1500
PS 30
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 3500
2200
3.5
0.5
max. 10
3300
PS 40
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 3500
4700
3.5
1.0
max. 15
5600
6800
PS 55
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 3500
10 000
4.0
1.0
max. 18
15 000
3.5
22 000
27 000
2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com