Electronic Components Datasheet Search
  English  ▼

X  

RH005 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RH005
Description  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH005 Datasheet(HTML) 1 Page - Vishay Siliconix

  RH005 Datasheet HTML 1Page - Vishay Siliconix RH005 Datasheet HTML 2Page - Vishay Siliconix RH005 Datasheet HTML 3Page - Vishay Siliconix RH005 Datasheet HTML 4Page - Vishay Siliconix RH005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30201
154
Revision: 11-Jul-07
RH, NH
Vishay Dale
Wirewound Resistors, Military, MIL-PRF-18546 Qualified,
Type RE, Aluminum Housed, Chassis Mount
FEATURES
• Molded construction for total environmental
protection
• Complete welded construction
• Meets applicable requirements of
MIL-PRF-18546
• Available in non-inductive styles (type NH)
with Aryton-Perry winding for lowest reactive
components
• Mounts on chassis to utilize heat-sink effect
• Excellent stability in operation (< 1 % change
in resistance)
Note
• Figures in parentheses on RH-5 and RH-10 indicate wattage printed on parts, new construction allows these resistors to be rated at higher
wattage but will only be printed with the higher wattage on customer request
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e4
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
MIL-PRF-
18546
TYPE
POWER RATING
P25 °C
W
RESISTANCE RANGE
MIL. RANGE SHOWN IN BOLD FACE
Ω
WEIGHT
(typical)
g
DALE
MILITARY ± 0.05 %, ± 0.1 %
± 0.25 %
± 0.5 %
± 1 %, ± 2 %, ± 5 %
RH005
RH-5
-
RE60G
7.5 (5)
5
0.5 - 6.75K
-
0.1 - 8.6K
-
0.05 - 8.6K
-
0.02 - 24.5K
0.10 - 3.32K
3
NH005
NH-5
-
RE60N
7.5 (5)
5
0.5 - 2.32K
-
0.1 - 3.27K
-
0.05 - 3.27K
-
0.05 - 12.75K
1.0 - 1.65K
3.3
RH010
RH-10
-
RE65G
12.5 (10)
10
0.5 - 12.7K
-
0.1 - 16.69K
-
0.05 - 16.69K
-
0.01 - 47.1K
0.10 - 5.62K
6
NH010
NH-10
-
RE65N
12.5 (10)
10
0.5 - 4.45K
-
0.1 - 5.54K
-
0.05 - 5.54K
-
0.05 - 23.5K
1.0 - 2.8K
8.8
RH025
RH-25
-
RE70G
25
20
0.5 - 25.7K
-
0.1 - 32.99K
-
0.05 - 32.99K
-
0.01 - 95.2K
0.10 - 12.1K
13
NH025
NH-25
-
RE70N
25
20
0.5 - 9.09K
-
0.1 - 12.8K
-
0.05 - 12.8K
-
0.05 - 47.6K
1.0 - 6.04K
16.5
RH050
RH-50
-
RE75G
50
30
0.5 - 73.4K
-
0.1 - 96K
-
0.05 - 96K
-
0.01 - 273K
0 .10 - 39.2K
28
NH050
NH-50
-
RE75N
50
30
0.5 - 26K
-
0.1 - 36.7K
-
0.05 - 36.7K
-
0.05 - 136K
1.0 - 19.6K
35
RH100
RH-100
-
RE77G
100
75
0.5 - 90K
-
0.1 - 90K
-
0.05 - 90K
-
0.05 - 90K
0.05 - 29.4K
350
NH100
NH-100
-
RE77N
100
75
0.5 - 37.5K
-
0.1 - 37.5K
-
0.05 - 37.5K
-
0.05 - 37.5K
1.0 - 14.7K
385
RH250
RH-250
-
RE80G
250
120
0.5 - 116K
-
0.1 - 116K
-
0.05 - 116K
-
0.05 - 116K
0.10 - 35.7K
630
NH250
NH-250
-
RE80N
250
120
0.5 - 48.5K
-
0.1 - 48.5K
-
0.05 - 48.5K
-
0.05 - 48.5K
1.0 - 17.4K
690
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RH0054R125FC02 (preferred part number format)
GLOBAL MODEL
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
RH005
(See “Standard
Electrical
Specifications”
table above for
additional P/N’s)
L = Milliohm
R = Decimal
K = Thousand
8L000 = 0.008
Ω
15R00 = 15
Ω
A = 0.05 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
E02 = Lead (Pb)-free, card pack (RH005 - RH050)
E01 = Lead (Pb)-free, skin pack (RH100 and RH250)
Lead (Pb)-free is not available on RE military type
(Dash Number)
(up to 3 digits)
From 1 - 999
as applicable
C02 = Tin/lead, card pack (RH005 - RH050)
J01 = Tin/lead, skin pack (RH100 and RH250)
Historical Part Number Example: RH-5 4.125
Ω 1 % C02 (will continue to be accepted)
RH-5
4.125
Ω
1 %
C02
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
H
0054
R
125
R
FC
0
2


Similar Part No. - RH005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH005 VISHAY-RH005 Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
RH005 VISHAY-RH005 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
RH00510K00AC02 VISHAY-RH00510K00AC02 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
RH00510K00AE01 VISHAY-RH00510K00AE01 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
RH00510K00AE02 VISHAY-RH00510K00AE02 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
More results

Similar Description - RH005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-May-13
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
11-Nov-15
RER VISHAY-RER Datasheet
172Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Jun-16
RE60G VISHAY-RE60G Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com