Electronic Components Datasheet Search
  English  ▼

X  

UCQ Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UCQ
Description  Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCQ Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UCQ Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
➀
Please refer to the part number structure for additional ordering part numbers and options.
➁
All specifications are at nominal line voltage and full load, +25 deg.C unless otherwise noted. See detailed specifications. Output capacitors are 1 µF ceramic || 10 µF electrolytic. I/O caps are necessary for
our test equipment and may not be needed for your application.
Outline dimensions: 2.3 × 1.45 × 0.39 inches
58.4 × 36.8 × 9.9 mm
Pinout: P32 (all models)
Performance Specifications and Ordering Guide ➀
ORDERING GUIDE
Root Models ➀
Output
Input
Efficiency
Vout
(Volts)
Iout
(Amps)
Power
(Watts)
R/N (mVp-p)
Regulation (Max.) ➁
Vin Nom.
(Volts)
Range
(Volts)
Iin no
load (mA)
Iin full
load
(Amps)
Typ.
Max.
Line
Load
Min.
Typ.
UCQ-1.2/40-D24P-C
1.2
40
48
Please contact Murata Power Solutions for further information.
UCQ-1.2/30-D48N-C
1.2
30
36
50
100
±0.125%
±0.25%
48
36-75
30
0.90
81%
83%
UCQ-1.5/25-D48N-C
1.5
25
37.5
50
80
±0.125%
±0.25%
48
36-75
50
0.94
81%
83%
UCQ-1.5/40-D48N-C
1.5
40
60
50
100
±0.125%
±0.25%
48
36-75
50
1.45
85%
86%
UCQ-1.8/30-D48N-C
1.8
30
54
100
TBD
±0.125%
±0.25%
48
36-75
45
1.31
83%
86%
UCQ-2.5/40-D24P-C
2.5
40
100
80
120
±0.125%
±0.25%
24
18-36
120
4.96
82%
84%
UCQ-2.5/30-D48N-C
2.5
30
75
50
100
±0.2%
±0.25%
48
36-75
50
1.80
85%
87%
UCQ-3.3/35-D24P-C
3.3
35
115.5
30
50
±0.125%
±0.25%
24
18-36
130
5.41
87%
89%
UCQ-3.3/20-D48N-C
3.3
20
66
50
80
±0.125%
±0.25%
48
36-75
50
1.53
88.5%
90%
UCQ-3.3/30-D48N-C
3.3
30
99
50
80
±0.2%
±0.25%
48
36-75
50
2.3
90%
91%
UCQ-5/20-D24P-C
5
20
100
50
60
±0.125%
±0.25%
24
18-36
160
4.55
88%
91.5%
UCQ-5/20-D48N-C
5
20
100
35
55
±0.125%
±0.25%
48
36-75
80
2.24
89%
93%
UCQ-5/25-D48N-C
5
25
125
Please contact Murata Power Solutions for further information.
UCQ-8/12-D24P-C
8
12
96
UCQ-12/8.3-D48N-C
12
8.3
99.6
100
150
±0.2%
±0.25%
48
36-75
80
2.28
90%
91%
UCQ-15/6.7-D24P-C
15
6.7
100.5
Please contact Murata Power Solutions for further information.
Single Output UCQ Models
Low-Profile, Quarter Brick, 8.3-40 Amp
Isolated DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UCQ Models.B07 Page 2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com