Electronic Components Datasheet Search
  English  ▼

X  

UWE Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UWE
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UWE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PART NUMBER STRUCTURE
MDC_UWE Series.A17 Page 2 of 20
SPECIFICATION SUMMARY AND ORDERING GUIDE
c
Root Model
c
Output
Input
Efficiency
Package
(Case, Pinout)
VOUT
(V)
IOUT
(A)
Power
(W)
R/N (mVp-p)
➂
Regulation (max.)
VIN Nom.
(V)
Range
(V)
IIN, no
load
(mA)
IIN, full
load
(A)
Min.
Typ.
Typ.
Max.
Line
Load
UWE-3.3/20-Q12P-C
3.3
20
66
80
125
±0.25%
±0.25%
12
9-36
160
6.18
87%
89%
C77, P32
UWE-3.3/20-Q48N-C
3.3
20
66
165
225
±0.2%
±0.25%
48
18-75
75
1.54
88%
89.5%
UWE-5/15-Q12P-C
5.0
15
75
80
125
±0.25%
±0.125%
12
9-36
185
6.87
89%
91%
UWE-5/15-Q48N-C
5.0
15
75
Please contact Murata Power Solutions for further information.
UWE-12/6-Q12P-C
12.0
6
72
120
180
±0.125%
±0.05%
12
9-36
75
6.56
90%
91.5%
UWE-12/6-Q48N-C
12.0
6
72
115
150
±0.1%
±0.075%
48
18-75
90
1.65
89%
91%
UWE-15/5-Q12P-C
15.0
5
75
65
125
±0.125%
±0.075%
12
9-36
270
6.83
89.5%
91.5%
UWE-24/3-Q12P-C
g
24.0
3
72
190
275
±0.125%
±0.125%
12
9-36
110
6.70
88.3%
89.5%
c Please refer to the part number structure for additonal ordering model numbers and options.
d All specifications are at nominal line voltage, nominal output voltage and full load, +25° C.
unless otherwise noted. See detailed specifications.
e Output capacitors are 1 μF ceramic in parallel with 10 μF electrolytic. Input cap is 100 μF. All
caps are low ESR types. Contact Murata Power Solutions for details.
f I/O caps are necessary for our test equipment and may not be needed for your application.
g Load regulation range: 0.1-3A. This is required only for our test equipment. The converter will
operate at zero output current with degraded regulation.
DETAIL SPECIFICATIONS, Q12 MODELS
UWE-3.3/20-Q12
UWE-5/15-Q12
UWE-12/6-Q12
UWE-15/5-Q12
UWE-24/3-Q12
Specs are typical unless noted.
INPUT
Input voltage range
See ordering guide
Start-up threshold, Volts
9.5
9
Undervoltage shutdown, V.
8.5
8
8
8.2
8
Overvoltage shutdown, V.
none
Reflected (back) ripple current, mA pk-pk
②
25
10
40
1
40
Suggested external fuse, A
25
20
20
20
20
Input current
Full load conditions
See ordering guide
Inrush transient, A2sec
0.1 A2sec
Input current if output is in short circuit, mA
250
200
250
250
250
No load, mA
160
185
75
270
110
Low line (Vin=min.), Amps
8.33
9.42
8.89
9.36
9.04
Standby mode, mA
85555
18
Note:
Some model number combinations may
not be available. Contact Murata Power
Solutions for further information.
Maximum Rated Output
Current in Amps
Eighth-Brick Package
Wide Input Range
Unipolar, Single-output
Nominal Output Voltage
U
E
-
/
Q12
-
12
6
P B
Input Voltage Range
Q12 = 9-36 Volts
Q48 = 18-75 Volts
C
RoHS Hazardous Materials Compliance
C=RoHS-6, standard
-
W
On/Off Control Polarity
P = Positive polarity (standard for Q12 models, optional for Q48 models)
N = Negative polarity (standard for Q48 models, optional special order for Q12 models)
Baseplate (optional)
Blank = No baseplate (standard)
B = Baseplate installed (optional special order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com