Electronic Components Datasheet Search
  English  ▼

X  

RLC180 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RLC180
Description  Ceramic Disc Capacitors, Class 1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLC180 Datasheet(HTML) 4 Page - Vishay Siliconix

  RLC180 Datasheet HTML 1Page - Vishay Siliconix RLC180 Datasheet HTML 2Page - Vishay Siliconix RLC180 Datasheet HTML 3Page - Vishay Siliconix RLC180 Datasheet HTML 4Page - Vishay Siliconix RLC180 Datasheet HTML 5Page - Vishay Siliconix RLC180 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 22113
www.vishay.com
Revision: 31-Jan-06
23
RL.
Ceramic Disc Capacitors, Class 1
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 1500
3.3
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.0 x 5.0
5.0
0.6
Orange /
Orange color
dots
or
Letter V
RLV933 AQ
S1R
3.6
7.0 x 5.0
RLV936 AQ
S1R
3.9
7.0 x 5.0
RLV939 AQ
S1R
4.3
7.0 x 5.0
RLV943 AQ
S1R
4.7
7.0 x 5.0
RLV947 AQ
S1R
5.1
7.0 x 5.0
RLV951 AQ
S1R
5.6
7.0 x 5.0
RLV956 AQ
S1R
6.2
7.0 x 5.0
RLV962 AQ
S1R
6.8
7.0 x 5.0
RLV968 AQ
S1R
7.5
7.0 x 5.0
RLV975 AQ
S1R
8.2
7.0 x 5.0
RLV982 AQ
S1R
9.1
7.0 x 5.0
RLV991 AQ
S1R
10
7.0 x 5.0
RLV100 AQ
S1R
11
7.0 x 5.0
RLV110 AQ
S1R
12
7.0 x 5.0
RLV120 AQ
S1R
13
7.0 x 5.0
RLV130 AQ
S1R
15
7.0 x 5.0
RLV150 AQ
S1R
16
7.0 x 5.0
RLV160 AQ
S1R
18
7.0 x 5.0
RLV180 AQ
S1R
20
7.0 x 5.0
RLV200 AQ
S1R
22
7.0 x 5.0
RLV220 AQ
S1R
24
7.0 x 5.0
RLV240 AQ
S1R
27
7.0 x 5.0
RLV270 AQ
S1R
30
7.0 x 5.0
RLV300 AQ
S1R
33
7.0 x 5.0
RLV330 AQ
S1R
36
7.0 x 5.0
RLV360 AQ
S1R
39
7.0 x 5.0
RLV390 AQ
S1R
43
7.0 x 5.0
RLV430 AQ
S1R
47
7.0 x 5.0
RLV470 AQ
S1R
51
10.0 x 5.0
RLV510 AQ
S1R
56
10.0 x 5.0
RLV560 AQ
S1R
62
10.0 x 5.0
RLV620 AQ
S1R
68
10.0 x 5.0
RLV680 AQ
S1R
75
10.0 x 5.0
RLV750 AQ
S1R
82
14.0 x 5.0
7.5
RLV820 AQ
S1R
91
14.0 x 5.0
RLV910 AQ
S1R
100
14.0 x 5.0
RLV101 AQ
S1R
ORDERING CODE
7th digit
Capacitance tolerance
± 0.25 pF = C
± 0.5 pF = D
± 5 % = J
± 10 % = K
10th / 11th / 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com