Electronic Components Datasheet Search
  English  ▼

X  

IL250 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL250
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL250 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL250 Datasheet HTML 1Page - Vishay Siliconix IL250 Datasheet HTML 2Page - Vishay Siliconix IL250 Datasheet HTML 3Page - Vishay Siliconix IL250 Datasheet HTML 4Page - Vishay Siliconix IL250 Datasheet HTML 5Page - Vishay Siliconix IL250 Datasheet HTML 6Page - Vishay Siliconix IL250 Datasheet HTML 7Page - Vishay Siliconix IL250 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 83618
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 09-May-08
335
Optocoupler, Phototransistor Output, AC Input, with Base
Connection
IL250/251/252/ILD250/251/252
Vishay Semiconductors
DESCRIPTION
The IL250/251/252/ILD250/251/252 are bidirectional input
optically coupled isolators consisting of two gallium arsenide
infrared LEDs coupled to a silicon NPN phototransistor per
channel.
The IL250/ILD250 has a minimum CTR of 50 %, the IL251/
ILD251 has a minimum CTR of 20 %, and the IL252/ILD252
has a minimum CTR of 100 %.
The IL250/IL251/IL252 are single channel optocouplers. The
ILD250/ILD251/ILD252 has two isolated channels in a single
DIP package.
FEATURES
• AC or polarity insensitive input
• Built-in reverse polarity input protection
• Improved CTR symmetry
• Industry standard DIP package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
APPLICATIONS
• Ideal for AC signal detection and monitoring
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• CSA 93751
• BSI IEC 60950; IEC 60065
• DIN EN 60747-5-5 available with option 1
Note
For additional information on the available options refer to option information.
i179024
1
2
3
6
5
4
B
C
E
NC
A/C
C/A
1
2
3
4
8
7
6
5
E
C
C
E
A
A
C
C
Single Channel
Dual Channel
ORDER INFORMATION
PART
REMARKS
IL250
CTR > 50 %, single channel DIP-6
IL251
CTR > 20 %, single channel DIP-6
IL252
CTR > 100 %, single channel DIP-6
ILD250
CTR > 50 %, dual channel DIP-8
ILD251
CTR > 20 %, dual channel DIP-8
ILD252
CTR > 100 %, dual channel DIP-8
IL250-X007
CTR > 50 %, single channel SMD-6 (option 7)
IL250-X009
CTR > 50 %, single channel SMD-6 (option 9)
IL251-X009
CTR > 20 %, single channel SMD-6 (option 9)
IL252-X007
CTR > 100 %, single channel SMD-6 (option 7)
IL252-X009
CTR > 100 %, single channel SMD-6 (option 9)
ILD250-X009
CTR > 50 %, dual channel SMD-6 (option 9)
ILD251-X006
CTR > 20 %, dual channel DIP-8 400 mil (option 6)
ILD251-X007
CTR > 20 %, dual channel SMD-6 (option 7)
ILD251-X009
CTR > 20 %, dual channel SMD-6 (option 9)
ILD252-X009
CTR > 100 %, dual channel SMD-6 (option 9)


Similar Part No. - IL250

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Vishay Siliconix
IL250 VISHAY-IL250 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL250 VISHAY-IL250 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL250-X001 VISHAY-IL250-X001 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL250-X007 VISHAY-IL250-X007 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
More results

Similar Description - IL250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com