Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix IL300 Datasheet HTML 10Page - Vishay Siliconix IL300 Datasheet HTML 11Page - Vishay Siliconix IL300 Datasheet HTML 12Page - Vishay Siliconix IL300 Datasheet HTML 13Page - Vishay Siliconix IL300 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.vishay.com
10
Document Number 83622
Rev. 1.5, 24-Mar-05
VISHAY
IL300
Vishay Semiconductors
Table 1. gives the value of R5 given the production K3
bins.
R5 Selection
Table 1.
Figure 17. Switching Mode Power Supply
Figure 18. DC Coupled Power Supply Feedback Amplifier
iil300_17
SWITCH
XFORMER
SWITCH
MODE
REGULATOR
TDA4918
ISOLATED
FEEDBACK
CONTROL
110/
220
MAIN
DC OUTPUT
AC/DC
RECTIFIER
AC/DC
RECTIFIER
iil300_18
8
7
6
5
100 pF
4
3
1
2
8
6
7
K1
VCC
VCC
1
2
3
4
K2
VCC
Vmonitor
R1
20 KW
R2
30 KW
R3
30 KW
R4
100 W
Vout
To
control
input
R5
30 KW
IL300
Vb
Va
+
-
U1
LM201
Bins
Min.
Max.
3
Typ.
R5 Resistor
K
Ω
1%
K
Ω
A
0.560
0.623
0.59
50.85
51.1
B
0.623
0.693
0.66
45.45
45.3
C
0.693
0.769
0.73
41.1
41.2
D
0.769
0.855
0.81
37.04
37.4
E
0.855
0.950
0.93
32.26
32.4
F
0.950
1.056
1.00
30.00
30.0
G
1.056
1.175
1.11
27.03
27.0
H
1.175
1.304
1.24
24.19
24.0
I
1.304
1.449
1.37
21.90
22.0
J
1.449
1.610
1.53
19.61
19.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com