Electronic Components Datasheet Search
  English  ▼

X  

IL252 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL252
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL252 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL252 Datasheet HTML 1Page - Vishay Siliconix IL252 Datasheet HTML 2Page - Vishay Siliconix IL252 Datasheet HTML 3Page - Vishay Siliconix IL252 Datasheet HTML 4Page - Vishay Siliconix IL252 Datasheet HTML 5Page - Vishay Siliconix IL252 Datasheet HTML 6Page - Vishay Siliconix IL252 Datasheet HTML 7Page - Vishay Siliconix IL252 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83618
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 09-May-08
339
IL250/251/252/ILD250/251/252
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Vishay Semiconductors
Fig. 11 - Normalized Non Saturated hFE vs.
Base Current and Temperature
Fig. 12 - Normalized Saturated hFE vs.
Base Current and Temperature
Fig. 13 - Propagation Delay vs. Collector Load Resistor
Fig. 14 - Switching Timing
Fig. 15 - Switching Schematic
iil250_11
1000
0.4
0.6
0.8
1.0
1.2
IB - Base Current (µA)
- 20 °C
25 °C
50 °C
70 °C
Normalized to:
IB = 20 µA
V
CE =10 V
TA =25 °C
100
1
10
iil250_12
100
1000
0.0
0.5
1.0
1.5
IB -Base Current (µA)
VCE = 0.4 V
Normalized to:
VCE =10 V
IB = 20 µA
TA =25 °C
70 °C
50 °C
25 °C
- 20 °C
1
10
iil250_13
RL- Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
TA = 25 °C, IF =10mA
VCC = 5 V,Vth=1.5 V
iil250_14
IF
tR
VO
tD
tS
tF
tPHL
tPLH
V TH = 1.5 V
iil250_15
VO
VCC =5 V
R L
IF = 10 mA
F = 10 kHz,
DF = 50 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com