Electronic Components Datasheet Search
  English  ▼

X  

IL350 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL350
Description  Linear Optocoupler for Optical DAA in Telecommunications, High Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL350 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL350 Datasheet HTML 1Page - Vishay Siliconix IL350 Datasheet HTML 2Page - Vishay Siliconix IL350 Datasheet HTML 3Page - Vishay Siliconix IL350 Datasheet HTML 4Page - Vishay Siliconix IL350 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 83623
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.1, 04-Jun-04
3
IL350/351/358/359
Linear Optocoupler for Optical DAA in
Telecommunications,
High Performance
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
BIN TABLE
BIN
MIN.
MAX.
A
0.557
0.626
B
0.620
0.696
C
0.690
0.773
D
0.765
0.859
E
0.851
0.955
F
0.945
1.061
G
1.051
1.181
H
1.169
1.311
I
1.297
1.456
J
1.442
1.618
COUPLED CHARACTERISTICS
PART NUMBER
K1 AT IF = 2 mA, VO = 0 V
MIN.
K3 BINS
IL350
0.003
A to J
IL351
0.005
D, E, F, G
IL358
0.008
C, D, E, F, G, H
IL359
0.008
D, E, F, G
i178013
40°
3° to 7°
10° typ.
Pin One ID
ISO Method A
0.225 (5.7)
0.215 (5.5)
0.336 (8.4)
± 0.010 (± 0.25)
0.230 (5.8)
0.220 (5.6)
0.091 (2.3)
0.083 (2.1)
0.043 (1.09)
0.033 (0.83)
0.050 (1.25)
Typ.
0.016 (0.41)
typ.
0.015 (0.38)
± 0.002 (0.05)
0.042 (1.05)
Ref.
0.006 (0.15)
Typ.
0.050 (1.27)
R 0.010 (0.25)
0.266 (6.76)
0.356 (9.04)
0.291 (7.28)
± 0.010 (0.250)
0.047 (1.19)
± 0.002 (0.05)
0.045 (1.14)
0.014 (0.36)
0.036 (0.91)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com