Electronic Components Datasheet Search
  English  ▼

X  

ECO Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ECO
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECO Datasheet(HTML) 1 Page - Vishay Siliconix

  ECO Datasheet HTML 1Page - Vishay Siliconix ECO Datasheet HTML 2Page - Vishay Siliconix ECO Datasheet HTML 3Page - Vishay Siliconix ECO Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 54007
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 07-Sep-07
25
Series ECO
Vishay Sfernice
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECO)
FEATURES
• Size 05 - 09 - 13 are available
• Long Life up to 30 million cycles
• Accuracy ± 1 % down to ± 0.25 %
• Bush or servo mounting types
• Rear mounted terminals
• Following MIL-R-39023 and NFC 93-255 requirements
The “ECO” models are a comprehensive range of rotational
motion transducers for industrial applications.
RoHS
COMPLIANT
SIZE
05
09
13
MODEL
50 ES
50 CB
78 ES
78 CS
78 CB
156 ES
156 CS
156 CB
ELECTRICAL SPECIFICATIONS
Theoretical Electrical Angle (TEA)
Actual electrical angle (AEA) - 2°
Independent Linearity (over TEA)
A
≤ ± 1 %
(standard)
B
≤ ± 0.5 %
(special)
C
≤ ± 0.25 %
(special)
Actual Electrical Angle (AEA)
330° ± 5°
340° ± 5°
350° ± 5°
Ohmic Values (RT)
1 k
Ω - 5 kΩ - 10 kΩ - on request other values
Ohmic Value Tolerances at 20 °C
± 10 %
± 20 %
± 10 %
± 20 %
± 10 %
± 20 %
Output Smoothness
≤ 0.05 %
Maximum Power Rating at 70 °C
0.2 W
0.3 W
0.5 W
Wiper Current
Recommended: a few µA - 1 mA max. (continuous)
Tap (Current or Voltage)
NA
1 (on request)
Resistance Load on Wiper
Minimum 103 x RT
End Voltage
≤ 0.2 %
≤ 0.5 %
≤ 0.2 %
≤ 0.5 %
≤ 0.2 %
≤ 0.5 %
Insulation Resistance
≥ 1000 MΩ, 500 V
DC
Dielectric Strength
≥ 500 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical Angle (MA)
360° continuous
On Request: Stops
NA
340° ± 3°
350° ± 3°
Mounting Type
Servo
Bushing
Servo
Bushing
Servo
Bushing
Shaft Guiding
Ball
bearings
Sleeve
bearings
Ball
bearings
Sleeve
bearings
Ball
bearings
Sleeve
bearings
Shaft
Stainless steel
Housing
Plastic moulding
Termination
Turrets
Wiper
Precious metal multi-finger contact
Starting Torque (N.cm)
≤ 0.2
≤ 0.5
≤ 0.2
≤ 0.5
≤ 0.2
≤ 0.5
Torque on Stops (N.cm)
50
Weight (g)
5 ± 2
8 ± 2
13 ± 2
17 ± 2
29 ± 2
34 ± 2
Moment of Inertia (g cm2)
≤ 0.5
≤ 1
≤ 2
All mechanical and electrical parameters can be adapted to
meet your specifications.


Similar Part No. - ECO

ManufacturerPart #DatasheetDescription
logo
3M Electronics
ECO-0034385 3M-ECO-0034385 Datasheet
180Kb / 2P
3M PASSIVE TWIN AXIAL CABLE ASSEMBLY FOR SFP APPLICATIONS
02-Mar-1988
logo
Bel Fuse Inc.
ECO-105-230 BEL-ECO-105-230 Datasheet
656Kb / 2P
EcoTran Standard Series Transformer
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
EcoTran Standard Series Transformer
ECO-105-28 BEL-ECO-105-28 Datasheet
656Kb / 2P
EcoTran Standard Series Transformer
ECO-105-40 BEL-ECO-105-40 Datasheet
656Kb / 2P
EcoTran Standard Series Transformer
More results

Similar Description - ECO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECS VISHAY-ECS Datasheet
319Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
24-May-07
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
26-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com