Electronic Components Datasheet Search
  English  ▼

X  

HCZ152 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HCZ152
Description  Ceramic High Voltage Disc Capacitors, Class 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCZ152 Datasheet(HTML) 2 Page - Vishay Siliconix

  HCZ152 Datasheet HTML 1Page - Vishay Siliconix HCZ152 Datasheet HTML 2Page - Vishay Siliconix HCZ152 Datasheet HTML 3Page - Vishay Siliconix HCZ152 Datasheet HTML 4Page - Vishay Siliconix HCZ152 Datasheet HTML 5Page - Vishay Siliconix HCZ152 Datasheet HTML 6Page - Vishay Siliconix HCZ152 Datasheet HTML 7Page - Vishay Siliconix HCZ152 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 22161
For technical questions, contact powcap@vishay.com
www.vishay.com
Revision: 31-Jan-06
31
H..
Ceramic Disc Capacitors, Class 2
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
** ± 20 % available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 1 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 2000
47
± 10 %
± 20 %
7.0 x 3.0
5
0.6
1.2
Z
HAZ470 BA
KR
56
7.0 x 3.0
HAZ560 BA
KR
68
7.0 x 3.0
HAZ680 BA
KR
82
7.0 x 3.0
HAZ820 BA
KR
100
7.0 x 3.0
HAZ101 BA
KR
150
7.0 x 3.0
HAZ151 BA
KR
220
7.0 x 3.0
HAZ221 BA
KR
330
7.0 x 3.0
HAZ331 BA
KR
470
7.0 x 3.0
HAZ471 BA
KR
680
7.0 x 3.0
HAZ681 BA
KR
1000
9.0 x 3.0
HAZ102 BA
KR
1500
9.0 x 3.0
HAZ152 BA
KR
2200
11.0 x 3.0
HAZ222 BA
KR
3300
13.0 x 3.0
7.5
HAZ332 BA
KR
4700
15.0 x 3.0
HAZ472 BA
KR
CLASS 2
K 6000
1000
± 20 %
7.0 x 3.0
5
0.6
1.2
E
HAE102 BA
KR
1500
9.0 x 3.0
HAE152 BA
KR
2200
9.0 x 3.0
HAE222 BA
KR
3300
11.0 x 3.0
HAE332 BA
KR
4700
11.0 x 3.0
HAE472 BA
KR
6800
13.0 x 3.0
7.5
HAE682 BA
KR
0.010 µF
15.0 x 3.0
HAE103 BA
KR
CLASS 2
K 10000
2200
- 20 + 50 %
(± 20 %)**
7.0 x 3.0
5
0.6
1.2
X
HAX222 BA
KR
3300
9.0 x 3.0
HAX332 BA
KR
4700
9.0 x 3.0
HAX472 BA
KR
6800
13.0 x 3.0
7.5
HAX682 BA
KR
0.010 µF
13.0 x 3.0
HAX103 BA
KR
0.015 µF
17.0 x 3.0
HAX153 BA
KR
0.022 µF
18.0 x 3.0
HAX223 BA
KR
ORDERING CODE
7th digit
Capacitance tolerance
± 10 % = K
± 20 % = M
+ 50 - 20 % = S
10th to 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com