Electronic Components Datasheet Search
  English  ▼

X  

LVR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LVR
Description  Wirewound Resistors, Precision Power, Low Value, Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LVR Datasheet(HTML) 1 Page - Vishay Siliconix

  LVR Datasheet HTML 1Page - Vishay Siliconix LVR Datasheet HTML 2Page - Vishay Siliconix LVR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wirewound Resistors, Precision Power, Low Value,
Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
LVR
Vishay Dale
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30206
152
Revision: 29-Feb-08
FEATURES
• Ideal for all types of current sensing applications
including switching and linear power supplies,
instruments and power amplifiers
• Proprietary processing technique produces
extremely low resistance values
• Excellent load life stability
• Low temperature coefficient
• Low inductance
• Cooler operation for high power to size ratio
Notes
(1) Resistance is measured 3/8" [9.52 mm] from the body of the resistor, or at 1.183" [30.05 mm], 1.315" [33.40 mm], 1.675" [42.545 mm] or
2.575" [65.405 mm] spacing for the LVR01, LVR03, LVR05 and LVR10 respectively
(2) Standard resistance values are 0.01
Ω, 0.015 Ω, 0.02 Ω, 0.025 Ω, 0.03 Ω, 0.033 Ω, 0.04 Ω, 0.05 Ω, 0.051 Ω, 0.06 Ω, 0.068 Ω, 0.07 Ω, 0.08 Ω,
0.09
Ω and 0.1 Ω with 1 % tolerance. Other resistance values may be available upon request
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e3
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
MIL-PRF-49465
TYPE
POWER RATING
P25 °C W
RESISTANCE RANGE
Ω (1)
± 1 %, ± 3 %, ± 5 %, ± 10 %
TECHNOLOGY
LVR01
LVR-1
-
1
0.01 - 0.1 (2)
Metal Strip
LVR03
LVR-3
-
3
0.005 - 0.2
Metal Strip
LVR03...26
LVR-3-26
RLV30 (M4946506)
3
0.01 - 0.2
Metal Strip
LVR05
LVR-5
-
5
0.005 - 0.3
Metal Strip
LVR05...26
LVR-5-26
RLV31 (M4946507)
5
0.01 - 0.3
Metal Strip
LVR10
LVR-10
-
10
0.01 - 0.8
Coil Spacewound
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
LVR01
LVR03
LVR05
LVR10
Rated Power at + 25 °C
W
1
3
5
10
Operating Temperature Range
°C
- 65 to + 175
- 65 to + 275
Dielectric Withstanding Voltage
VAC
1000
1000
1000
1000
Insulation Resistance
Ω
10 000 M
Ω minimum dry
Short Time Overload
-
5 x rated power for 5 s
10 x rated power for 5 s
Terminal Strength (minimum)
lb
5
10
10
10
Temperature Coefficient
ppm/°C
See TCR vs. Resistance Value chart
Maximum Working Voltage
V
(
P x R)1/2
Weight (maximum)
g
2
2
5
11
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: LVR055L000FS73 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
LVR01
LVR03
LVR05
LVR10
R = Decimal
L = m
Ω
(values < 0.010
Ω)
R1500 = 0.15
Ω
7L000 = 0.007
Ω
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E12 = Lead (Pb)-free bulk
E03 = Lead (Pb)-free lacer pack (LVR10)
E70 = Lead (Pb)-free, tape/reel 1000 pieces (LVR01, 03)
E73 = Lead (Pb)-free, tape/reel 500 pieces
(Dash Number)
(up to 3 digits)
From 1 - 999
as applicable
B12 = Tin/lead bulk
L03 = Tin/lead lacer pack (LVR10)
S70 = Tin/lead, tape/reel 1000 pieces (LVR01, 03)
S73 = Tin/lead, tape/reel 500 pieces
Historical Part Number Example: LVR-5 0.005
Ω 1 % S73 (will continue to be accepted for tin/lead product only)
LVR-5
0.005
Ω
1 %
S73
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
V
R
055
L
000
FS
7
3
L


Similar Part No. - LVR

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
Low-TCR Current Sense Chips
logo
Littelfuse
LVR LITTELFUSE-LVR Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
logo
DATEL, Inc.
LVR-123-QL DATEL-LVR-123-QL Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
LVR-123-QL-5 DATEL-LVR-123-QL-5 Datasheet
132Kb / 1P
5-Volt LDO Linear Voltage Regulator
LVR-123-QL-C DATEL-LVR-123-QL-C Datasheet
133Kb / 1P
5-Volt LDO Linear Voltage Regulator
More results

Similar Description - LVR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
11-Jul-13
CPL VISHAY-CPL Datasheet
108Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
10-May-11
LVR VISHAY-LVR_15 Datasheet
104Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
19-Oct-15
RWR VISHAY-RWR Datasheet
169Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
14-Jul-16
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com