Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 3 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 51033
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
115
P12
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
Vishay Sfernice
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90’/30’ - ambient temp. 70 °C
± 1 %
Contact res. variation: < 3 % Rn
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
40 °C
93 % RH
± 0.5 %
± 1 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
Ω
Rapid Temperature Change
5 cycles
- 55 °C at + 125 °C
± 0.5 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 hours
± 0.1 %
ΔV1-2
V1-3
≤ ± 0.2 %
Rotational Life
25 000 cycles
± 3 %
Contact res. variation: < 2 % Rn
STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR LAW
LOGS LAW
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
W
V
mA
W
V
mA
ppm/°C
22
47
14.69
6.85
213.2
145.8
0
+ 200
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
4.7M
10M
1
0.56
0.26
0.12
0.05
0.02
0.01
10
14.8
21.6
31.6
46.9
63.5
100
148.3
216.7
316.2
350
350
350
350
350
350
100
67.4
46.1
31.6
21.3
14.5
10
6.7
4.6
3.16
1.59
0.75
0.35
0.16
0.07
0.01
0.5
0.5
0.26
0.12
0.05
22.4
33.2
48.5
79.7
105
153
224
332
350
350
350
22.4
15.1
10.3
7.07
4.77
3.26
2.24
1.51
0.74
0.35
0.16
± 100
MARKING
Printed:
- VISHAY trademark
- series
- ohmic value (in
Ω )
- tolerance (in %)
- manufacturing date
- marking of terminals 1 or a
SPECIAL FEATURES
SHAFTS
Lengths are measured from the mounting surface to the free
end of shaft. Shaft slot is aligned with the wiper within ± 10°.
Special shafts are available, in accordance with drawings
supplied by customers. We recommend customers not to
machine shafts, in order to avoid damage. Bending or torsion
of terminal should be avoided.
SHAFT AND PANEL SEALING HARDWARE
The type P12T with R or M shaft can be provided with an
optional “DE” sealing hardware which ensures sealing of
both the shaft and the mounting panel. “DE” sealing
hardware can be supplied in a separate envelope.
SHAFT LOCKING
- The
shaft locking bushing is available only with P12H
potentiometers. Torque applied to locking nuts should not
exceed 15 Ncm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com