Electronic Components Datasheet Search
  English  ▼

X  

HFE152 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFE152
Description  Ceramic High Voltage Disc Capacitors, Class 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFE152 Datasheet(HTML) 3 Page - Vishay Siliconix

  HFE152 Datasheet HTML 1Page - Vishay Siliconix HFE152 Datasheet HTML 2Page - Vishay Siliconix HFE152 Datasheet HTML 3Page - Vishay Siliconix HFE152 Datasheet HTML 4Page - Vishay Siliconix HFE152 Datasheet HTML 5Page - Vishay Siliconix HFE152 Datasheet HTML 6Page - Vishay Siliconix HFE152 Datasheet HTML 7Page - Vishay Siliconix HFE152 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22161
32
Revision: 31-Jan-06
H..
Vishay Draloric
Ceramic High Voltage Disc Capacitors,
Class 2
* Standard lead configuration, other lead spacing and diameter available on request.
** ± 20 % available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 2 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 2000
56
± 10 %
± 20 %
7.0 x 3.0
7.5
0.6
1.4
Z
HBZ560 BA
KR
68
7.0 x 3.0
HBZ680 BB
KR
82
7.0 x 3.0
HBZ820 BB
KR
100
7.0 x 3.0
HBZ101 BB
KR
150
7.0 x 3.0
HBZ151 BB
KR
220
7.0 x 3.0
HBZ221 BB
KR
330
7.0 x 3.0
HBZ331 BB
KR
470
7.0 x 3.0
HBZ471 BB
KR
680
7.0 x 3.0
HBZ681 BB
KR
1000
9.0 x 3.0
HBZ102 BB
KR
1500
9.0 x 3.0
HBZ152 BB
KR
2200
11.0 x 3.0
HBZ222 BB
KR
3300
13.0 x 3.0
HBZ332 BB
KR
4700
15.0 x 3.0
HBZ472 BB
KR
CLASS 2
K 6000
680
± 20 %
7.0 x 3.0
7.5
0.6
1.4
E
HBE681 BB
KR
1000
7.0 x 3.0
HBE102 BB
KR
1500
9.0 x 3.0
HBE152 BB
KR
2200
9.0 x 3.0
HBE222 BB
KR
3300
11.0 x 3.0
HBE332 BB
KR
4700
11.0 x 3.0
HBE472 BB
KR
6800
13.0 x 3.0
HBE682 BB
KR
0.010 µF
15.0 x 3.0
HBE103 BB
KR
CLASS 2
K 10000
1500
- 20 + 50 %
(± 20 %)**
6.0 x 3.0
7.5
0.6
1.2
X
HBX152 BB
KR
2200
7.0 x 3.0
HBX222 BB
KR
3300
9.0 x 3.0
HBX332 BB
KR
4700
9.0 x 3.0
HBX472 BB
KR
6800
13.0 x 3.0
HBX682 BB
KR
0.010 µF
13.0 x 3.0
HBX103 BB
KR
0.015 µF
17.0 x 3.0
HBX153 BB
KR
0.022 µF
18.0 x 3.0
HBX223 BB
KR
ORDERING CODE
7th digit
Capacitance tolerance
± 10 % = K
± 20 % = M
+ 50 - 20 % = S
10th to 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com