Electronic Components Datasheet Search
  English  ▼

X  

P16 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P16
Description  Knob Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16 Datasheet(HTML) 4 Page - Vishay Siliconix

  P16 Datasheet HTML 1Page - Vishay Siliconix P16 Datasheet HTML 2Page - Vishay Siliconix P16 Datasheet HTML 3Page - Vishay Siliconix P16 Datasheet HTML 4Page - Vishay Siliconix P16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51036
130
See also: Application Notes
Revision: 19-Dec-07
P16, PA16
Vishay Sfernice
Knob Potentiometer
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔR
T/RT (%)
ΔR
1-2/R1-2 (%)
Load Life
1000 h at Pn
90'/30' cycle at + 40 °C
± 5 %
Insulation resistance: > 104 M
Ω
Contact res. variation: < 2 % Rn
-
Long Term Damp Heat
56 days
40 °C, 93 % HR
± 2 %
Insulation resistance: > 104 M
Ω
± 1 %
Shock
50 g at 11 ms
3 successive shocks
in 3 axes
± 0.2 %
± 0.5 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 h
± 0.2 %
ΔV
1-2/ΔV1-3 ≤ ± 0.5 %
Rotational Life
50 000 cycles
± 5 %
Contact res. variation: < 2 % Rn
-
SAP ORDERING INFORMATION
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TAPER
PACKAGING
CODE
SPECIAL
NUMBER
P16 =
Cermet
PA16 =
Conductive
plastic
NM: Metallic black
NP: Plastic black
WM: Metallic white
WP: Plastic white
BP: Plastic blue
223 = 22 k
Ω
for ohmic value
range see
ELECTRICAL
SPECIFICATION
M = ± 20 %
on request
K = ± 10 %
A: Linear
L: Clockwise logarithmic
F: Inverse clockwise logarithmic
B15 =
Box of
20 pieces
(if applicable)
given by
VISHAY
for custom
design
PART NUMBER DESCRIPTION (for information only)
P16
NP
22 k
Ω
20 %
ABO20
e3
MODEL
STYLE
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SPECIAL
LEAD
(Pb)-FREE
P2
2
3
M
A
B
5
6
P
N
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com