Electronic Components Datasheet Search
  English  ▼

X  

LTC2301CDEXPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2301CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CDEXPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2301CDEXPBF Datasheet HTML 14Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 15Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 16Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 17Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 18Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 19Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 20Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 21Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2301/LTC2305
18
23015f
APPLICATIONS INFORMATION
After power-up, the ADC initiates an internal reset cycle
which sets the DIN word to all 0s (S/D=O/S=UNI=SLP=0).
A write operation may be performed if the default state
of the ADC’s configuration is not desired. Otherwise, the
ADC must be properly addressed and followed by a Stop
condition to initiate a conversion.
Initiating a New Conversion
The LTC2301/LTC2305 awakens from either nap or sleep
when properly addressed for a read/write operation. A
Stop command may then be issued after performing the
read/write operation to trigger a new conversion.
Issuing a Stop command after the 8th SCL clock pulse of
the address frame and before the completion of a read/write
operation will also initiate new conversion, but the output
result may not be valid due to lack of adequate acquisition
time (see Acquisition section).
LTC2301/LTC2305 Address
The LTC2301/LTC2305 have two address pins (AD0 and
AD1) that may be tied high, low or left floating to enable
one of the 9 possible addresses (see Table 2).
In addition to the configurable addresses listed in Table 2,
the LTC2301/LTC2305 also contain a global address
(1110111) which may be used for synchronizing multiple
LTC2301/LTC2305s or other I2C LTC230X SAR ADCs (see
Synchronizing Multiple LTC2301/LTC2305s with Global
Address Call section).
Table 2. Address Assignment
AD1
AD0
ADDRESS
LOW
LOW
0001000
LOW
FLOAT
0001001
LOW
HIGH
0001010
FLOAT
HIGH
0001011
FLOAT
FLOAT
0011000
FLOAT
LOW
0011001
HIGH
LOW
0011010
HIGH
FLOAT
0011011
HIGH
HIGH
0101000
Continuous Read
In applications where the same input channel is sampled
each cycle, conversions can be continuously performed
and read without a write cycle (see Figure 8). The DIN word
remains unchanged from the last value written into the
device. If the device has not been written to since power-
up, the DIN word defaults to all 0s (S/D=O/S=UNI=SLP=0).
At the end of a read operation, a Stop condition may be
given to start a new conversion. At the conclusion of the
conversion cycle, the next result may be read using the
method described above. If the conversion cycle is not
concluded and a valid address selects the device, the
LTC2301/LTC2305 generates a NAK signal indicating the
conversion cycle is in progress.
Figure 8. Consecutive Reading with the Same Configuration
S
CONVERSION
NAP
DATA OUTPUT
CONVERSION
CONVERSION
NAP
DATA
OUTPUT
R
ACK
READ
7-BIT ADDRESS
P
S
R
ACK
23015 F08
READ
7-BIT ADDRESS
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com