Electronic Components Datasheet Search
  English  ▼

X  

SAC30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SAC30
Description  Low Capacitance TRANSZORB® Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SAC30 Datasheet(HTML) 3 Page - Vishay Siliconix

  SAC30 Datasheet HTML 1Page - Vishay Siliconix SAC30 Datasheet HTML 2Page - Vishay Siliconix SAC30 Datasheet HTML 3Page - Vishay Siliconix SAC30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAC5.0 thru SAC50
Vishay General Semiconductor
Document Number: 88379
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
SCHEMATIC
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Pulse Waveform
t - Time (ms)
150
50
0
0
2.0
4.0
100
1.0
3.0
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
t
r = 10 µs
t
d
Figure 4. AC Line Protection Application
Low Capacitance
TVS
Application Note: Device must be used with
two units in parallel, opposite in polarity as
shown in circuit for AC signal line protection.
Diode
Transient
Voltage
Suppressor
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com