Electronic Components Datasheet Search
  English  ▼

X  

T96 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T96
Description  TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T96 Datasheet(HTML) 3 Page - Vishay Siliconix

  T96 Datasheet HTML 1Page - Vishay Siliconix T96 Datasheet HTML 2Page - Vishay Siliconix T96 Datasheet HTML 3Page - Vishay Siliconix T96 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 40118
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 25-Jun-08
3
T96
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse
Conformal Coated
Vishay Sprague
Notes:
• All ratings are preliminary, contact factory for availability
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, B, S, Z
(4) Surge Current: A, B, S
(5) ESR: L, S
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
33
R
T96R336(1)025(2)(3)(4)(5)
8.3
6
0.280
0.160
68
R
T96R686(1)025(2)(3)(4)(5)
17.0
6
0.230
0.125
100
R
T96R107(1)025(2)(3)(4)(5)
25
8
0.230
0.120
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
15
R
T96R156(1)035(2)(3)(4)(5)
5.3
6
0.410
0.220
22
R
T96R226(1)035(2)(3)(4)(5)
7.7
6
0.310
0.270
33
R
T96R336(1)035(2)(3)(4)(5)
11.6
6
0.310
0.230
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 40 V
10
R
T96R106(1)050(2)(3)(4)(5)
5.0
6
0.680
0.530
15
R
T96R156(1)050(2)(3)(4)(5)
7.5
6
0.430
0.380
22
R
T96R226(1)050(2)(3)(4)(5)
11.0
6
0.420
0.330
STANDARD/EXTENDED RATINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com