Electronic Components Datasheet Search
  English  ▼

X  

T97 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 1 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40092
1
Revision: 05-Aug-08
T97
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT®
,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
FEATURES
• High reliability; Weibull failure rate
grading available
• Surge current testing per MIL-PRF-55365
options available
• Ultra-low ESR
• Tin/Lead (SnPb) termination available
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Capacitance Range: 15 µF to 1500 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 63 WVDC
Note: (1) Available on select ratings. See ratings table on page 7.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
T97
R
227
K
020
E
S
A
TYPE
CASE
CODE
CAPACITANCE CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
AT + 85 °C
TERMINATION/
PACKAGING
(Available options are
series dependent)
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Codes
Table.
This is
expressed in
picofarads. The
first two digits
are the
significant
figures. The
third is the
number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn/Pb Solder/7"
(178 mm) reel
L = Sn/Pb Solder/7"
(178 mm), 1/2 reel
C = 100 % Tin/7"
(178 mm), reel
H = 100 % Tin/7"
(178 mm), 1/2 reel
A = 1.0 %
Weibull
B = 0.1 %
Weibull (1)
S = 40 h
Burn-in
Z = Non-
Established
Reliability
A = 10 cycles
at + 25 °C
B = 10 cycles
at - 55 °C/+ 85 °C
S = 3 cycles
at 25 °C
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
E
0.287 ± 0.012
[7.3 ± 0.3]
0.173 ± 0.016
[4.4 ± 0.4]
0.157 ± 0.016
[4.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
F
0.287 ± 0.012
[7.3 ± 0.3]
0.238 ± 0.016
[6.0 ± 0.4]
0.187 ± 0.016
[4.7 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
R
0.287 ± 0.012
[7.3 ± 0.3]
0.238 + 0.016/- 0.024
[6.0 + 0.4/- 0.6]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
V
0.287 ± 0.012
[7.3 ± 0.3]
0.173 ± 0.016
[4.4 ± 0.4]
0.079
[2.0] Max.
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
Z
0.287 ± 0.012
[7.3 ± 0.3]
0.238 ± 0.016
[6.0 ± 0.4]
0.238 ± 0.016
[6.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
J
H
B
A
D
L
Tantalum wire
Nib identifies
Anode (+)
Terminal
W


Similar Part No. - T97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
98Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Dec-11
T97 VISHAY-T97 Datasheet
306Kb / 21P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-17
T97 VISHAY-T97 Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
logo
Advanced Crystal Techno...
T97-72000WBINEXXHC ACT-T97-72000WBINEXXHC Datasheet
312Kb / 2P
TCXO
29/08/2013
T97-72000WBINEXXHL ACT-T97-72000WBINEXXHL Datasheet
312Kb / 2P
TCXO
29/08/2013
More results

Similar Description - T97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
23-Jan-08
T96 VISHAY-T96 Datasheet
93Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-10
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Dec-11
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
25-Jun-13
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
10-Aug-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com