Electronic Components Datasheet Search
  English  ▼

X  

T98 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T98
Description  TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98 Datasheet(HTML) 3 Page - Vishay Siliconix

  T98 Datasheet HTML 1Page - Vishay Siliconix T98 Datasheet HTML 2Page - Vishay Siliconix T98 Datasheet HTML 3Page - Vishay Siliconix T98 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 40119
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 25-Jun-08
3
T98
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse
Conformal Coated
Vishay Sprague
Notes:
• All ratings are preliminary, contact marketing for availability
* Contact factory for availability
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, B, S, Z
(4) Surge Current: A, B, S
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
at + 25 °C
(µA)
MAX. DF
at + 25 °C
120 Hz (%)
(PRELIMINARY)
MAX. ESR
at + 25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
20 WVDC at + 85 °C, SURGE = 26 V . . . 13 WVDC at + 125 °C, SURGE = 16 V
220
R
T98R227(1)020(2)(3)(4)
44
8
110
1.8
330
F
T98F337(1)020(2)(3)(4)*
66
10
130
1.4
25 WVDC at + 85 °C, SURGE = 32 V . . . 17 WVDC at + 125 °C, SURGE = 20 V
68
R
T98R686(1)025(2)(3)(4)
17
6
130
1.6
150
F
T98F157(1)025(2)(3)(4)
38
8
110
1.8
35 WVDC at + 85 °C, SURGE = 46 V . . . 23 WVDC at + 125 °C, SURGE = 28 V
47
R
T98R476(1)035(2)(3)(4)
17
6
110
1.8
50 WVDC at + 85 °C, SURGE = 65 V . . . 33 WVDC at + 125 °C, SURGE = 38 V
15
E
T98E156(1)050(2)(3)(4)
8
6
330
0.8
15
R
T98R156(1)050(2)(3)(4)
8
6
280
1.0
22
R
T98R226(1)050(2)(3)(4)
11
6
200
0.8
33
F
T98F336(1)050(2)(3)(4)
17
6
180
0.8
47
Z
T98Z476(1)050(2)(3)(4)*
24
6
175
1.1
63 WVDC at + 85 °C, SURGE = 81 V . . . 42 WVDC at + 125 °C, SURGE = 54 V
22
F
T98F226(1)063(2)(3)(4)*
14
6
230
0.9
STANDARD RATINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com