Electronic Components Datasheet Search
  English  ▼

X  

US1K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # US1K
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

US1K Datasheet(HTML) 3 Page - Vishay Siliconix

  US1K Datasheet HTML 1Page - Vishay Siliconix US1K Datasheet HTML 2Page - Vishay Siliconix US1K Datasheet HTML 3Page - Vishay Siliconix US1K Datasheet HTML 4Page - Vishay Siliconix US1K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US1A thru US1M
Vishay General Semiconductor
Document Number: 88768
Revision: 27-Aug-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Instantaneous Forward Characteristics
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
US1A - US1G
100
10
1
0.1
0.01
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
020
40
60
80
100
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
US1A - US1G
100
10
1
0.1
0.01
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
US1J - US1M
0.2
0.7
1.2
1.7
2.2
2.7
3.2
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
Figure 6. Typical Reverse Leakage Characteristics
Figure 7. Typical Junction Capacitance
Figure 8. Typical Transient Thermal Impedance
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
US1J - US1M
Percent of Rated Peak Reverse Voltage (%)
1000
100
10
1
0.1
0.01
020
40
60
80
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.1
1
10
100
100
10
1
US1A - US1G
US1J - US1M
0.01
0.1
1
10
100
100
10
1
0.1
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com