Electronic Components Datasheet Search
  English  ▼

X  

SA30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SA30
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA30 Datasheet(HTML) 2 Page - Vishay Siliconix

  SA30 Datasheet HTML 1Page - Vishay Siliconix SA30 Datasheet HTML 2Page - Vishay Siliconix SA30 Datasheet HTML 3Page - Vishay Siliconix SA30 Datasheet HTML 4Page - Vishay Siliconix SA30 Datasheet HTML 5Page - Vishay Siliconix SA30 Datasheet HTML 6Page - Vishay Siliconix SA30 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(3) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM VC
(V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(mV/°C)
MIN.
MAX.
SA5.0
6.40
7.30
10
5.0
600
52.1
9.6
5.0
SA5.0A(4)
6.4
7.07
10
5.0
600
54.3
9.2
5.0
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
5.0
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
5.0
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
5.0
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5.0
SA7.0
7.78
9.51
10
7.0
150
37.6
13.3
6.0
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
6.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.8
13.6
7.0
SA8.5
9.44
11.5
1.0
8.5
10
31.4
15.9
8.0
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
8.0
SA9.0
10.0
12.2
1.0
9.0
5.0
29.6
16.9
9.0
SA9.0A
10.0
11.1
1.0
9.0
5.0
32.5
15.4
9.0
SA10
11.1
13.6
1.0
10
1.0
26.6
18.8
10
SA10A
11.1
12.3
1.0
10
1.0
29.4
17.0
10
SA11
12.2
14.9
1.0
11
1.0
24.9
20.1
11
SA11A
12.2
13.5
1.0
11
1.0
27.5
18.2
11
SA12
13.3
16.3
1.0
12
1.0
22.7
22.0
12
SA12A
13.3
14.7
1.0
12
1.0
25.1
19.9
12
SA13
14.4
17.6
1.0
13
1.0
21.0
23.8
13
SA13A
14.4
15.9
1.0
13
1.0
23.3
21.5
13
SA14
15.6
19.1
1.0
14
1.0
19.4
25.8
14
SA14A
15.6
17.2
1.0
14
1.0
21.6
23.2
14
SA15
16.7
20.4
1.0
15
1.0
18.6
26.9
16
SA15A
16.7
18.5
1.0
15
1.0
20.5
24.4
16
SA16
17.8
21.8
1.0
16
1.0
17.4
28.8
19
SA16A
17.8
19.7
1.0
16
1.0
19.2
26.0
17
SA17
18.9
23.1
1.0
17
1.0
16.4
30.5
20
SA17A
18.9
20.9
1.0
17
1.0
18.1
27.6
19
SA18
20.0
24.4
1.0
18
1.0
15.5
32.2
21
SA18A
20.0
22.1
1.0
18
1.0
17.1
29.2
20
SA20
22.2
27.1
1.0
20
1.0
14.0
35.8
25
SA20A
22.2
24.5
1.0
20
1.0
15.4
32.4
23
SA22
24.4
29.8
1.0
22
1.0
22.7
39.4
28
SA22A
24.4
26.9
1.0
22
1.0
14.1
35.5
25
SA24
26.7
32.6
1.0
24
1.0
11.6
43.0
31
SA24A
26.7
29.5
1.0
24
1.0
12.9
38.9
28
SA26
28.9
35.3
1.0
26
1.0
10.7
46.6
31
SA26A
28.9
31.9
1.0
26
1.0
11.9
42.1
30
SA28
31.1
38.0
1.0
28
1.0
10.0
50.1
35
SA28A
31.1
34.4
1.0
28
1.0
11.0
45.4
31
SA30
33.3
40.7
1.0
30
1.0
9.3
53.5
39
SA30A
33.3
36.8
1.0
30
1.0
10.0
48.4
36
SA33
36.7
44.9
1.0
33
1.0
8.5
59.0
42
SA33A
36.7
40.6
1.0
33
1.0
9.4
53.3
39
SA36
40.0
48.9
1.0
36
1.0
7.8
64.3
46
SA36A
40.0
44.2
1.0
36
1.0
8.6
58.1
41



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com