Electronic Components Datasheet Search
  English  ▼

X  

SA33 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SA33
Description  TRANSZORB® Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA33 Datasheet(HTML) 5 Page - Vishay Siliconix

  SA33 Datasheet HTML 1Page - Vishay Siliconix SA33 Datasheet HTML 2Page - Vishay Siliconix SA33 Datasheet HTML 3Page - Vishay Siliconix SA33 Datasheet HTML 4Page - Vishay Siliconix SA33 Datasheet HTML 5Page - Vishay Siliconix SA33 Datasheet HTML 6Page - Vishay Siliconix SA33 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
5
Figure 5. Steady State Power Derating Curve
Figure 6. Capacitance
Figure 7. Incremental Clamping Voltage Curve Uni-Directional
TL - Lead Temperature (°C)
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
60 Hz
Resistive or
Inductive Load
10 000
1000
100
10
5
100
500
VWM - Reverse Stand-Off Voltage (V)
Uni-Directional
Bi-Directional
V
R = 0
V
R = Rated
Stand-Off voltage
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA54
SA40
SA30
SA24
SA18
SA15
SA12
SA5.0
SA9.0
Waveform:
8 x 20 Impulse
DVC = V
C - VBR
Figure 8. Incremental Clamping Voltage Curve Uni-Directional
Figure 9. Incremental Clamping Voltage Curve Bi-Directional
Figure 10. Incremental Clamping Voltage Curve Bi-Directional
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA40
SA24
SA15
SA5.0
SA9.0
Waveform:
10 x 1000 Impulse
DVC = V
C - VBR
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA30
SA40
SA60
SA24
SA15
SA9.0
SA6.5
Waveform:
8 x 20 Impulse
DVC = V
C - VBR
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA40
SA24
SA15
SA9.0
SA6.5
Waveform:
10 x 1000 Impulse
DVC = V
C - VBR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com