Electronic Components Datasheet Search
  English  ▼

X  

TC3133 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3133
Description  2.4 GHz 1W MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3133 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3133 Datasheet HTML 1Page - Transcom, Inc. TC3133 Datasheet HTML 2Page - Transcom, Inc. TC3133 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3133
REV2_20031121
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County,Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
PCB Material: FR4
ER = 4.6
Thickness = 31 mil
Unit: mil
* DXF file of the PCB can be downloaded
from our web-site at
www.transcominc.com.tw
* Application Notes:
For better heat sinking and
grounding, it's recommended to have the
via holes beneath TC3133 filled with
solder and have two screws installed on
required heat sink plate besides TC3133
on the PCB area.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com