Electronic Components Datasheet Search
  English  ▼

X  

P30LL0APGD102MA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P30LL0APGD102MA
Description  Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LL0APGD102MA Datasheet(HTML) 2 Page - Vishay Siliconix

  P30LL0APGD102MA Datasheet HTML 1Page - Vishay Siliconix P30LL0APGD102MA Datasheet HTML 2Page - Vishay Siliconix P30LL0APGD102MA Datasheet HTML 3Page - Vishay Siliconix P30LL0APGD102MA Datasheet HTML 4Page - Vishay Siliconix P30LL0APGD102MA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51056
2
Revision: 04-Sep-08
P30L
Vishay Sfernice
Long Life Potentiometer - 1 Million Cycles
Heavy Duty - Cermet
Fully Sealed
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
270° ± 10 °
Standard Resistance Values
1 k
Ω - 5 kΩ - 10 kΩ - 50 kΩ
Tolerance
20 %
Varation Law
Linear
A
Power Rating
2 W at 70 °C
Standard Resistance Element Data
Resistance
Value
Max. Power
at 70 °C
Max. Working
Voltage
(k
Ω)(W)
(V)
1
2
44.7
5
2
100
10
2
141
50
1.8
300
Temperature Coefficient (Typical)
± 150 ppm/°C
Limiting Element Voltage
300 V
Contact Resistance Variation
3 % Rn
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
2500 V
Insulation Resistance (300 VDC)
105 M
Ω
Independent Linearity (Typical)
± 5 %
a
(1)
b
(2)
c
(3)
cw
CIRCUIT DIAGRAM
% CLOCKWISE SHAFT ROTATION
0
20
40
60
80
100
0
20
40
60
80
100
A
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
2
LIN. LAW “A”
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com