Electronic Components Datasheet Search
  English  ▼

X  

TC3531 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3531
Description  5.8 GHz 1W MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3531 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3531 Datasheet HTML 1Page - Transcom, Inc. TC3531 Datasheet HTML 2Page - Transcom, Inc. TC3531 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3531
REV4_20060516
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 2
Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min.
Max.
Units
Vdd
Drain-Source Voltage
12
Volts
Idd
Total Drain Current
1600
mA
Pin
RF Input Power
11
dBm
Pt
Power Dissipation
7
W
Tch
Operating Channel Temperature
175
°C
TSTG
Storage Temperature
-65
175
°C
Note:
1.
This GaAs MMIC is susceptible to damage from
Electrostatic Discharge. Proper precautions should
be used when handling these devices.
2.
Specifications subject to change without notice.
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
* DXF file of the PCB can be downloaded from our
web-site at www.transcominc.com.tw
* Application Notes:
For better heat sinking and grounding, it's
recommended
to have the via holes beneath TC3531
filled with solder and have two screws besides TC3531
installed on the PCB area.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com