Electronic Components Datasheet Search
  English  ▼

X  

2SC2502 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC2502
Description  POWER TRANSISTORS(6.0A,400V,50W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2502 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC2502 Datasheet HTML 1Page - Mospec Semiconductor 2SC2502 Datasheet HTML 2Page - Mospec Semiconductor 2SC2502 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC2502

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2502 SAVANTIC-2SC2502 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2502 ISC-2SC2502 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2502 SAVANTIC-2SC2502 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2502 NJSEMI-2SC2502 Datasheet
136Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2502

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB633 MOSPEC-2SB633 Datasheet
125Kb / 3P
POWER TRANSISTORS(6.0A,85V,40W)
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
POWER TRANSISTORS(6.0A,1500V,80W)
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
POWER TRANSISTORS(7.0A,400V,50W)
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Gulf Semiconductor
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UERP06G GULFSEMI-UERP06G Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESP06G GULFSEMI-UESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
logo
First Components Intern...
IRF730 FCI-IRF730 Datasheet
100Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
IRF730 FS-IRF730 Datasheet
365Kb / 6P
6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com