Electronic Components Datasheet Search
  English  ▼

X  

P30LLLAPGF102MA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P30LLLAPGF102MA
Description  Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LLLAPGF102MA Datasheet(HTML) 3 Page - Vishay Siliconix

  P30LLLAPGF102MA Datasheet HTML 1Page - Vishay Siliconix P30LLLAPGF102MA Datasheet HTML 2Page - Vishay Siliconix P30LLLAPGF102MA Datasheet HTML 3Page - Vishay Siliconix P30LLLAPGF102MA Datasheet HTML 4Page - Vishay Siliconix P30LLLAPGF102MA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 51056
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 04-Sep-08
3
P30L
Long Life Potentiometer - 1 Million Cycles
Heavy Duty - Cermet
Fully Sealed
Vishay Sfernice
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5
Operating Torque (Typical)
3 Ncm max.
4.25 oz.-inch max.
End Stop Torque
70 Ncm max.
99 oz.-inch max.
Tightening Torque of Mounting Nut
250 Ncm max.
22.13 lb-inch max.
Unit Weight
23 to 32 g max.
0.8 to 1.13 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 40 °C to 100 °C
Climatic Category
40/100/56
Sealing
Fully sealed - Container IP67
OPTIONS
Special Feature Command Shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver
slot is aligned with the wiper within ± 10°. Special shafts are available, in accordance to
drawings supplied by customers. We recommend that customers should not machine tool
shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided.
Panel Sealing
The panel sealing device consists of a ring located in a groove on the potentiometer face.
Sealing is obtained by tightening the ring against the panel when mounting the potentiometer.
Locating Peg
Location is obtained by fitting a special washer on the mounting face of the potentiometer.
MARKING
• VISHAY trademark
• Model
• Ohmic Value code
• Tolerance code
• Manufacturing date code
• Marking of terminals 3, and a, b, c
APPLICATION NOTE
The potentiometer shall be used in voltage divider with
an impedance load at least 100 times higher than the total
potentiometer nominal resistance value.
Advised load impedance:
1 M
Ω min. for resistance range of 1kΩ to 50 kΩ
(1) a
(2) b
c (3)
cw
1 M
Ω min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com