Electronic Components Datasheet Search
  English  ▼

X  

CV05D2001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CV05D2001
Description  Ceramic Trimmer Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CV05D2001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CV05D2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV05D2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Trimmer Capacitors
Ultra-Miniature
Page 1
15/02/08 V1.1
Specification Table
Colour
Maximum
Capacitance
(pF)
Minimum
Capacitance
(pF)
Q (at maximum C)
F = 10MHz
Temperature
Co-efficient
Part Number
Red
6.0
1.5
300 min
NPO ±250
CV05 A0601
Nil
12.5
2.8
N600 ±250
CV05 C1201
Blue
20.0
3.5
N750 ±300
CV05 D2001
Yellow
30.0
5.0
N1500 ±300
CV05 E3001
Green
50.0
5.5
N1500 ±500
CV05 E5001
Dimensions : Millimetres
Specifications:
Maximum working voltage
: 200V dc.
Dielectric strength
: 500V dc at maximum capacitance.
Insulation resistance
: 10,000M
Ω at 250V dc at maximum capacitance.
Maximum working temperature
: 85°C.


Similar Part No. - CV05D2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV05D2001 ETC2-CV05D2001 Datasheet
88Kb / 1P
WORKING VOLTAGE : 200V DC TO - 850
More results

Similar Description - CV05D2001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
Ceramic Trimmer Capacitors
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
GKRP10066 ETC2-GKRP10066 Datasheet
550Kb / 12P
CERAMIC DIELECTRIC TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT VATRONICS-VCT Datasheet
64Kb / 2P
Ceramic Trimmer Capacitors 7mm
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
Ceramic Trimmer Capacitors 6mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com