Electronic Components Datasheet Search
  English  ▼

X  

DPL12 Datasheet(PDF) 3 Page - Tyco Electronics

Part # DPL12
Description  12mm Rotary Encoder with LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DPL12 Datasheet(HTML) 3 Page - Tyco Electronics

  DPL12 Datasheet HTML 1Page - Tyco Electronics DPL12 Datasheet HTML 2Page - Tyco Electronics DPL12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1-1773449-0
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
12mm Rotary Encoder with LED
Type DPL12 Series
Dimensions
DPL12SV
DPL12
V
N
24
A
20
F
R
Common Part
DPL12 –
no switch
DPL12S –
with Switch
Orientation
V - Vertical
Detent
N - None
24 – 24 Clicks
Pulses
24 – 24 Pulses
Bush Details
A – 5mm
Shaft Length
See
Relevant
Table
Shaft Style
F - Flatted
K - Knurled
LED Colour
See
Relevant
Table
How to Order
Shaft Length
Without Switch
Type
Dim
Options (mm)
K
L (from mounting surface)
24 only
F
L (from mounting surface)
17.5
20
25
F5
7
12
Shaft Length
With Switch
Type
Dim
Options (mm)
K
L (from mounting surface)
25 only
F
L (from mounting surface)
18.5
21
26
F5
7
12
LED Colour Codes
Switch Option
Code
Description
1
Blue / Green
Switch (Dual Colour)
2
Blue / Orange
3
Green / Red
R
Red
No Switch (Single Colour)
G
Green
B
Blue



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com