Electronic Components Datasheet Search
  English  ▼

X  

E6CP-AG3C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E6CP-AG3C
Description  Absolute Rotary Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6CP-AG3C Datasheet(HTML) 2 Page - Omron Electronics LLC

  E6CP-AG3C Datasheet HTML 1Page - Omron Electronics LLC E6CP-AG3C Datasheet HTML 2Page - Omron Electronics LLC E6CP-AG3C Datasheet HTML 3Page - Omron Electronics LLC E6CP-AG3C Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E6CP
E6CP
2
Wire color
EC6P-AG3C
Red
+ power supply
Black
0V (common)
Brown
Output 20
Orange
Output 21
Yellow
Output 22
Green
Output 23
Blue
Output 24
Purple
Output 25
Gray
Output 26
White
Output 27
Part number
E6CP-AG3C
E6CP-AG5C-C
Supply voltage
5 VDC -5% to 12 VDC +10%;
12 VDC -10% to 24 VDC +15%;
max. 5% ripple peak-to-peak
max. 5% ripple peak-to-peak
Current consumption
90 mA max.
70 mA max.
Resolution (pulses/revolution) 8-bit (256 pulses/revolution)
Output code
Gray code (binary)
Applicable Cam Positioner
—
H8PS
Output form
Open collector output
Output capacity
Applied voltage: 28 VDC
Residual voltage: 0.4 V max. at sink current
Sink current: 16 mA max.
Maximum response
5 kHz
frequency
Logic
Negative (H level: 0, L level: 1)
Accuracy
Within
±1°
Rotation direction
Output code increases in clockwise direction when viewed from shaft
Output rise and fall times
1.0
µs max. with 16 V control output voltage, 1 kΩ load resistance and 2 m (6.56 ft.) output cable
Starting torque
10 g-cm (0.14 oz.-inch) max.
Shaft loading
Radial
3 kgf (21.7 ft-lbs.)
Axial
2 kgf (14.5 ft-lbs.)
Moment of inertia
10 g-cm2 (0.055 oz.-inch2) max.
Maximum rpm
1,000 rpm
Electrical connection
Prewired with 2 m (6.56 ft.) length cable
Connector
Weight
Approx. 200 g (7 oz.)
Enclosure rating
IEC: IP50
Ambient
Operating
-10
° to 55°C (14° to 131°F)
temperature
Storage
-25
° to 80°C (-13° to 176°F)
Ambient humidity
35 to 85% RH
Vibration resistance
Mechanical durability: 10 to 55 Hz, 1.5 mm double amplitude, in X, Y, and Z directions for 2 hours each
Shock resistance
Mechanical durability: approx. 100 G in X, Y, and Z directions, 3 times each
Insulation resistance
10 M
Ω minimum at 500 VDC between current-carrying part and housing
Dielectric strength
500 VAC, 50/60 Hz for 1 minute between current-carrying part and housing
Specifications
s OUTPUT CIRCUIT DIAGRAM
Main
circuit
Red
Black
Output (8 outputs)
0 V
5 to 12 V
(12 to 24 V)
Wiring
Terminal no.
E6CP-AG5C-C
1—
2—
3
Output 25
4
Output 21
5
Output 20
6
Output 27
7
Output 24
8
Output 22
9
Output 23
10
Output 26
11
GND
12
Power supply 12 to 24 V
13
0 V (common)
Notes:
1. The output of each bit is from the same
circuit.
2. Terminals no. 1 and no. 2 are short-circuited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com