Electronic Components Datasheet Search
  English  ▼

X  

2SC2625 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC2625
Description  POWER TRANSISTORS(10A,400V,80W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2625 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC2625 Datasheet HTML 1Page - Mospec Semiconductor 2SC2625 Datasheet HTML 2Page - Mospec Semiconductor 2SC2625 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC2625

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2625 ETC-2SC2625 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Fuji Electric
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC2625 ETC1-2SC2625 Datasheet
81Kb / 2P
High speed switching transistor
logo
Unisonic Technologies
2SC2625 UTC-2SC2625 Datasheet
98Kb / 3P
HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC2625 SAVANTIC-2SC2625 Datasheet
216Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2625

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
POWER TRANSISTORS(10A,200V,80W)
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
MJE13007A MOSPEC-MJE13007A Datasheet
180Kb / 4P
POWER TRANSISTORS(8A,400V,80W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,120-160V,80W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com