Electronic Components Datasheet Search
  English  ▼

X  

MSM10C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSM10C
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSM10C Datasheet(HTML) 1 Page - Vishay Siliconix

  MSM10C Datasheet HTML 1Page - Vishay Siliconix MSM10C Datasheet HTML 2Page - Vishay Siliconix MSM10C Datasheet HTML 3Page - Vishay Siliconix MSM10C Datasheet HTML 4Page - Vishay Siliconix MSM10C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSM (Military M83401)
Vishay Dale
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31514
1
Revision: 25-Jul-08
FEATURES
• MIL-PRF-83401 qualified
• 0.195" [4.95 mm] “A” and 0.350" [8.89 mm] “C” maximum seated
heights
• Thick film resistive elements
• TCR available in “K” (± 100 ppm/°C) or “M” (± 300 ppm/°C)
characteristic
• All device leads are hot-solder dipped
• Rugged molded case construction
• Compatible with automatic insertion equipment
• 100 % screen tested per Group A, Subgroup 1 of MIL-PRF-83401
• All devices are capable of passing the MIL-STD-202, Method
210, Condition D “Resistance to Soldering Heat” test
• Available in tube pack
Notes
(1) ± 1 % and ± 5 % available
(2) K = ± 100 ppm/°C; M = ± 300 ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY DALE
MODEL/
PIN NO/
PROFILE
SCHEMATIC
RESISTOR
POWER RATING
MAX. at 70 °C
W
PACKAGE
POWER RATING
MAX. at 70 °C
W
RESISTANCE
RANGE
Ω
STANDARD
TOLERANCE (1)
%
TEMPERATURE
COEFFICIENT (2)
(- 55 °C to + 125 °C)
WEIGHT
g
MSM06A
MSM08A
MSM10A
01
01
01
0.12
0.12
0.12
0.60
0.84
1.08
10 - 1M
± 2
K, M
0.4
0.5
0.6
MSM06A
MSM08A
MSM10A
03
03
03
0.12
0.12
0.12
0.36
0.48
0.60
10 - 1M
± 2
K, M
0.4
0.5
0.6
MSM06A
MSM08A
MSM10A
05
05
05
0.07
0.07
0.07
0.60
0.84
1.08
Consult
factory
± 2
K, M
0.4
0.5
0.6
MSM06C
MSM08C
MSM10C
01
01
01
0.20
0.20
0.20
1.00
1.40
1.80
10 - 1M
± 2
K, M
0.7
0.9
1.1
MSM06C
MSM08C
MSM10C
03
03
03
0.20
0.20
0.20
0.60
0.80
1.00
10 - 1M
± 2
K, M
0.7
0.9
1.1
MSM06C
MSM08C
MSM10C
05
05
05
0.11
0.11
0.11
0.88
1.32
1.80
Consult
factory
± 2
K, M
0.7
0.9
1.1
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
04 = 6 Pin, “C” Profile
K = 100 ppm
F = ± 1 %
C = Bussed
D03 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code
05 = 8 Pin, “C” Profile
M = 300 ppm
G = ± 2 %
G = Isolated
06 = 10 Pin, “C” Profile
J = ± 5 %
07 = 6 Pin, “A” Profile
10R0 = 10
Ω
08 = 8 Pin, “A” Profile
3302 = 33 k
Ω
09 = 10 Pin, “A” Profile
1004 = 1 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M8340107K1003GCD03 (preferred part numbering format)
Historical Part Number example: M8340107K1003GC (will continue to be accepted)
MIL
STYLE
M83401
RESISTANCE
VALUE
3 digit significant
figure, followed by
a multiplier
M83401
07
K
1003
G
C
D03
MIL STYLE
SPEC SHEET
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE
SCHEMATIC
PACKAGING
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
MIL
STYLE
RESISTANCE
VALUE
M83401
04 = 6 Pin, “C” Profile
K = 100 ppm
Per std. Mil. Spec
F = ± 1 %
H = Dual
05 = 8 Pin, “C” Profile
M = 300 ppm
(see Impedence
G = ± 2 %
Terminator
06 = 10 Pin, “C” Profile
Codes table)
J = ± 5 %
07 = 6 Pin, “A” Profile
08 = 8 Pin, “A” Profile
09 = 10 Pin, “A” Profile
New Global Part Numbering: M8340104KA001GHD03 (preferred part numbering format)
M
8
3
4
0
1
0
4
K
A
0
0
1G
H
D
0
3
Historical Part Number example: M8340104KA001GH (will continue to be accepted)
M83401
04
K
A001
GH
D03
MIL STYLE
SPEC SHEET
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE
SCHEMATIC
PACKAGING
M
3
8
K
3
0
4
0
0
C
3
0
1
1
7
0
D
G
D03 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code


Similar Part No. - MSM10C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM10.5W6 LITTELFUSE-MSM10.5W6 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM10.7W6 LITTELFUSE-MSM10.7W6 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM10S0000 OKI-MSM10S0000 Datasheet
47Kb / 7P
0.8um CMOS
MSM10S0050 OKI-MSM10S0050 Datasheet
47Kb / 7P
0.8um CMOS
MSM10S0110 OKI-MSM10S0110 Datasheet
47Kb / 7P
0.8um CMOS
More results

Similar Description - MSM10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
DFM VISHAY-DFM Datasheet
128Kb / 5P
Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
08-Jul-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
26-Feb-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com