Electronic Components Datasheet Search
  English  ▼

X  

2SC2826 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC2826
Description  POWER TRANSISTORS(3.0A,400V,40W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2826 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC2826 Datasheet HTML 1Page - Mospec Semiconductor 2SC2826 Datasheet HTML 2Page - Mospec Semiconductor 2SC2826 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC2826

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2820 ETC1-2SC2820 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Toshiba Semiconductor
2SC2824 TOSHIBA-2SC2824 Datasheet
107Kb / 3P
SILICON NPN EPITAXIAL TYPE(PCT PROCESS)
logo
Inchange Semiconductor ...
2SC2827 ISC-2SC2827 Datasheet
56Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2827 SAVANTIC-2SC2827 Datasheet
89Kb / 3P
Silicon NPN Power Transistors
2SC2827 SAVANTIC-2SC2827 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2826

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
POWER TRANSISTOR(7A,400V,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
MJE13002 MOSPEC-MJE13002 Datasheet
182Kb / 4P
POWER TRANSISTORS(1.5A,300-400V,40W)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
TIP31D MOSPEC-TIP31D Datasheet
200Kb / 4P
POWER TRANSISTORS(3.0A,120-160V,40W)
TIP47 MOSPEC-TIP47 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com