Electronic Components Datasheet Search
  English  ▼

X  

AD5412 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5412
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5412 Datasheet HTML 8Page - Analog Devices AD5412 Datasheet HTML 9Page - Analog Devices AD5412 Datasheet HTML 10Page - Analog Devices AD5412 Datasheet HTML 11Page - Analog Devices AD5412 Datasheet HTML 12Page - Analog Devices AD5412 Datasheet HTML 13Page - Analog Devices AD5412 Datasheet HTML 14Page - Analog Devices AD5412 Datasheet HTML 15Page - Analog Devices AD5412 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
AD5412/AD5422
Preliminary Technical Data
Rev. PrF | Page 12 of 38
TSSOP Pin No.
LFCSP Pin No.
Mnemonic
Description
bandwidth of the output amplifier increasing the settling time.
19
26
IOUT
Current output pin.
20
27
BOOST
Optional external transistor connection. Connecting an external transistor will reduce
the power dissipated in the AD5412/AD5422. Refer to the features section.
N/A
28
CAP1
Connection for optional output filtering capacitor. Refer to Features section.
N/A
29
CAP2
Connection for optional output filtering capacitor. Refer to Features section.
21
32
VOUT
Buffered Analog Output Voltage. The output amplifier is capable of directly driving a 1
kΩ, 2000 pF load.
22
33
+VSENSE
Sense connection for the positive voltage output load connection.
23
34
-VSENSE
Sense connection for the negative voltage output load connection.
24
36
AVDD
Positive Analog Supply Pin. Voltage ranges from 10.8V to 60V.
Paddle
Paddle
AVSS
Negative Analog Supply Pin. Voltage ranges from –3 V to –24 V. This pin can be
connected to 0V if output voltage range is unipolar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com