Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices AD5422 Datasheet HTML 33Page - Analog Devices AD5422 Datasheet HTML 34Page - Analog Devices AD5422 Datasheet HTML 35Page - Analog Devices AD5422 Datasheet HTML 36Page - Analog Devices AD5422 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Preliminary Technical Data
AD5412/AD5422
Rev. PrF | Page 33 of 38
APPLICATIONS INFORMATION
DRIVING INDUCTIVE LOADS
When driving inductive or poorly defined loads connect a
0.01µF capacitor between IOUT and GND. This will ensure
stability with loads beyond 50mH. There is no maximum
capacitance limit. The capacitive component of the load may
cause slower settling. The Digital Slew Rate Control feature may
also prove useful in this situation.
TRANSIENT VOLTAGE PROTECTION
The AD5412/AD5422 contains ESD protection diodes which
prevent damage from normal handling. The industrial control
environment can, however, subject I/O circuits to much higher
transients. In order to protect the AD5412/AD5422 from
excessively high voltage transients , external power diodes and a
surge current limiting resistor is required, as shown in Figure
64. The constraint on the resistor value is that during normal
operation the output level at IOUT must remain within its
voltage compliance limit of AVDD – 2.5V and the two protection
diodes and resistor must have appropriate power ratings.
Further protection can be provided with Transient Voltage
Suppressors or Transorbs, these are available as both
unidirectional (protects against positive high voltage transients)
and bidirectional (protects against both positive and negative
high voltage transients) and are available in a wide range of
standoff and breakdown voltage ratings. It is recommended that
all field connected nodes are protected.
IOUT
AGND
AVDD
RP
RLOAD
AVDD
AD5412/
AD5422
Figure 64. Output Transient Voltage Protection
SINGLE CONNECTOR FOR IOUT AND VOUT
Typically in analog output modules that facilitate both current
and voltage outputs there is a seperate connector for each
current output and for each voltage output even though either
the voltage output or the current output can be used at any one
time, this results in a redundant connector. For instance in an 8
channel current and voltage output module there will be 16
connectors and only 8 of these will be in use at any one time
resulting in 8 redundant connectors. The AD5412/AD5422 can
be configured with the IOUT and VOUT pins connected together
and to one connector, thus removing the redundant connector
and allowing for a reduced sized connector block. Figure 65
shows that with an external buffer amplifier the
AD5412/AD5422 can be configured with a single output
connector for current and voltage output.
VOUT
IOUT
+VSENSE
-VSENSE
AD5412/
AD5422
IOUT / VOUT
Figure 65. Connecting IOUT and VOUT to one connector
When the AD5412/AD5422 is configured for a voltage output
the IOUT pin will be in tri-state, when configured for a current
output the VOUT pin will be in tri-state, the function of the
buffer is to prevent current leakage to ground through the
+VSENSE pin when the current output is enabled, the +VSENSE pin
is internally connected to AGND through a resistance of
approx. 40kΩ.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that might occur. The
i
Coupler® family of products from Analog Devices provides
voltage isolation in excess of 2.5 kV. The serial loading structure
of the AD5412/AD5422 make it ideal for isolated interfaces
because the number of interface lines is kept to a minimum.
Figure 66 shows a 4-channel isolated interface to the
AD5412/AD5422 using an ADuM1400. For further
information, visit http://www.analog.com/icouplers.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VIA
VIB
VIC
VOA
VOB
VOC
ENCODE
DECODE
VID
VOD
ADuM1400 *
Controller
Serial Clock Out
Serial Data Out
SYNC Out
Control out
To SCLK
To SDIN
To LATCH
To CLEAR
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 66. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5412/AD5422 is via a serial
bus that uses protocol compatible with microcontrollers and
DSP processors. The communications channel is a 3-wire
(minimum) interface consisting of a clock signal, a data signal,
and a latch signal. The AD5412/AD5422 require a 24-bit data-
word with data valid on the rising edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com