Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5590 Datasheet HTML 3Page - Analog Devices AD5590 Datasheet HTML 4Page - Analog Devices AD5590 Datasheet HTML 5Page - Analog Devices AD5590 Datasheet HTML 6Page - Analog Devices AD5590 Datasheet HTML 7Page - Analog Devices AD5590 Datasheet HTML 8Page - Analog Devices AD5590 Datasheet HTML 9Page - Analog Devices AD5590 Datasheet HTML 10Page - Analog Devices AD5590 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD5590
Rev. 0 | Page 7 of 44
Parameter
Min
Typ
Max
Unit
Conditions/Comments1
POWER REQUIREMENTS
DACVDD
4.5
5.5
V
All digital inputs at 0 or DACVDD, DAC active, excludes load
current
IDD (Normal Mode)4
VIH = DACVDD = 4.5 V to 5.5 V, VIL = DACGND
2.6
3.2
mA
Internal reference off
4
5
mA
Internal reference on
DACIDD (All Power-Down Modes)5
DACVDD
0.8
2
μA
VIH = DACVDD = 4.5 V to 5.5 V, VIL = DACGND
1 Temperature range is −40°C to +85°C, typical at 25°C.
2 Linearity calculated using a reduced code range of Code 32 to Code 4064. Output unloaded.
3 Guaranteed by design and characterization; not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All sixteen DACs powered down.
DAC AC Characteristics
DACVDD = 4.5 V to 5.25 V, RL = 2 kΩ to DACGND, CL = 200 pF to DACGND, VREFIN1 = VREFIN1 = DACVDD. All specifications TMIN to TMAX,
unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
6
10
μs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
1.5
V/μs
Digital-to-Analog Glitch Impulse
4
nV-sec
1 LSB change around major carry (see Figure 17)
Digital Feedthrough
0.1
nV-sec
Reference Feedthrough
−90
dB
VREFIN1 = VREFIN2 = 2 V ± 0.1 V p-p, frequency = 10 Hz to 20 MHz
Digital Crosstalk
0.5
nV-sec
Analog Crosstalk
2.5
nV-sec
DAC-to-DAC Crosstalk
3
nV-sec
Multiplying Bandwidth
340
kHz
VREFIN1 = VREFIN2 = 2 V ± 0.2 V p-p
Total Harmonic Distortion
−80
dB
VREFIN1 = VREFIN2 = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC Code = 0x8400, 1 kHz
100
nV/√Hz
DAC Code = 0x8400, 10 kHz
Output Noise
15
μV p-p
0.1 Hz to 10 Hz
1 Guaranteed by design and characterization; not production tested.
2 See the Terminology section.
3 Temperature range is −40°C to +85°C, typical at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com