Electronic Components Datasheet Search
  English  ▼

X  

AD5025 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5025
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5025 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5025 Datasheet HTML 8Page - Analog Devices AD5025 Datasheet HTML 9Page - Analog Devices AD5025 Datasheet HTML 10Page - Analog Devices AD5025 Datasheet HTML 11Page - Analog Devices AD5025 Datasheet HTML 12Page - Analog Devices AD5025 Datasheet HTML 13Page - Analog Devices AD5025 Datasheet HTML 14Page - Analog Devices AD5025 Datasheet HTML 15Page - Analog Devices AD5025 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 12 of 28
CH1 5V
CH2 500mV
M2µs
A CH2
1.2V
2
1
T 55%
CH1 = SCLK
CH2 = VOUT
VDD = 5V
POWER-UP TO MIDSCALE
Figure 24. Exiting Power-Down to Midscale
6
3
1
–1
–3
0
2.5
5.0
7.5
10.0
TIME (μs)
5
4
2
–2
0
Figure 25. Digital-to-Analog Glitch Impulse
7
4
1
–1
–4
0
2.5
5.0
7.5
10.0
TIME (μs)
5
6
3
2
0
–2
–3
VDD = 5V, VREF = 4.096V
TA = 25ºC
Figure 26. Analog Crosstalk
7
4
1
–1
–4
0
2.5
5.0
7.5
10.0
TIME (μs)
5
6
3
2
0
–2
–3
VDD = 5V, VREF = 4.096V
TA = 25°C
Figure 27. DAC-to-DAC Crosstalk
4s/DIV
VDD = 5V, VREF = 4.096V
TA = 25ºC
DAC LOADED WITH MIDSCALE
Figure 28. 0.1 Hz to 10 Hz Output Noise Plot
0
–20
–50
–80
–100
5
10
30
40
55
FREQUENCY (kHz)
–90
–70
–60
–10
–30
–40
20
50
VDD = 5V,
TA = 25ºC
DAC LOADED WITH MIDSCALE
VREF = 3.0V ± 200mV p-p
Figure 29. Total Harmonic Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com