Electronic Components Datasheet Search
  English  ▼

X  

AD5722 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5722
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5722 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5722 Datasheet HTML 16Page - Analog Devices AD5722 Datasheet HTML 17Page - Analog Devices AD5722 Datasheet HTML 18Page - Analog Devices AD5722 Datasheet HTML 19Page - Analog Devices AD5722 Datasheet HTML 20Page - Analog Devices AD5722 Datasheet HTML 21Page - Analog Devices AD5722 Datasheet HTML 22Page - Analog Devices AD5722 Datasheet HTML 23Page - Analog Devices AD5722 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 20 of 32
LOAD DAC (LDAC
After data has been transferred into the input register of the
DACs, there are two ways to update the DAC registers and DAC
outputs. Depending on the status of both
)
SYNC and
SYNC
SCLK
VOUTX
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIER
LDAC
SDO
SDIN
REFIN
INPUT
REGISTER
12-/14-/16-BIT
DAC
LDAC, one
of two update modes is selected: individual DAC updating or
simultaneous updating of all DACs.
Figure 41. Simplified Diagram of Input Loading Circuitry for One DAC
Individual DAC Updating
In this mode, LDAC is held low while data is clocked into the
input shift register. The addressed DAC output is updated on
the rising edge of
Simultaneous Updating of All DACs
SYNC.
In this mode, LDAC is held high while data is clocked into the
input shift register. All DAC outputs are asynchronously updated
by taking LDAC low after SYNC has been taken high. The
update now occurs on the falling edge of
ASYNCHRONOUS CLEAR (
LDAC.
CLR)
CLR is an active low clear that allows the outputs to be cleared
to either zero-scale code or midscale code. The clear code value is
user-selectable via the CLR select bit of the control register (see
the Control Register section). It is necessary to maintain CLR low
for a minimum amount of time to complete the operation (see
Figure 2). When the CLR signal is returned high, the output
remains at the cleared value until a new value is programmed.
The outputs cannot be updated with a new value while the
CONFIGURING THE AD5722/AD5732/AD5752
CLR
pin is low. A clear operation can also be performed via the clear
command in the control register.
When the power supplies are applied to the AD5722/AD5732/
AD5752, the power-on reset circuit ensures that all registers
default to 0. This places all channels in power-down mode. The
first communication to the AD5722/AD5732/AD5752 should be
to set the required output range on all channels (the default range
is the 5 V unipolar range) by writing to the output range select
register. The user should then write to the power control register to
power on the required channels. To program an output value on
a channel, that channel must first be powered up; any writes to a
channel while it is in power-down mode are ignored. The AD5722/
AD5732/AD5752 operate with a wide power supply range. It is
important that the power supply applied to the parts provide
adequate headroom to support the chosen output ranges.
TRANSFER FUNCTION
Table 7 to Table 15 show the relationships of the ideal input
code to output voltage for the AD5752, AD5732, and AD5722,
respectively, for all output voltage ranges. For unipolar output
ranges, the data coding is straight binary. For bipolar output
ranges, the data coding is user selectable via the BIN/2sCOMP


×
=
N
REFIN
OUT
D
Gain
V
V
2
pin and can be either offset binary or twos complement.
For a unipolar output range, the output voltage expression is
given by
For a bipolar output range, the output voltage expression is given by
2
2
REFIN
N
REFIN
OUT
V
Gain
D
Gain
V
V
×
−


×
=
where:
D is the decimal equivalent of the code loaded to the DAC.
N is the bit resolution of the DAC.
VREFIN is the reference voltage applied at the REFIN pin.
Gain is an internal gain whose value depends on the output
range selected by the user, as shown in Table 6.
Table 6. Internal Gain Values
Output Range (V)
Gain Value
+5
2
+10
4
+10.8
4.32
±5
4
±10
8
±10.8
8.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com