Electronic Components Datasheet Search
  English  ▼

X  

AD5732 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5732
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5732 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5732 Datasheet HTML 8Page - Analog Devices AD5732 Datasheet HTML 9Page - Analog Devices AD5732 Datasheet HTML 10Page - Analog Devices AD5732 Datasheet HTML 11Page - Analog Devices AD5732 Datasheet HTML 12Page - Analog Devices AD5732 Datasheet HTML 13Page - Analog Devices AD5732 Datasheet HTML 14Page - Analog Devices AD5732 Datasheet HTML 15Page - Analog Devices AD5732 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 12 of 32
SUPPLY VOLTAGE (V)
11.5
12.5
12.0
13.5
14.0
13.0
14.5
15.0
15.5
16.0
16.5
BIPOLAR 10V MIN
UNIPOLAR 10V MIN
BIPOLAR 10V MAX
UNIPOLAR 10V MAX
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
Figure 18. AD5752 Total Unadjusted Error vs. Supply Voltage
SUPPLY VOLTAGE (V)
5.5
8.5
6.5
7.5
10.5 11.5
9.5
12.5 13.5 14.5 15.5 16.5
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
BIPOLAR 5V MIN
UNIPOLAR 5V MIN
BIPOLAR 5V MAX
UNIPOLAR 5V MAX
Figure 19. AD5752 Total Unadjusted Error vs. Supply Voltage
–4
–3
–2
–1
0
1
2
3
4
5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
AVDD/AVSS (V)
AIDD (mA)
AIDD (mA)
Figure 20. Supply Current vs. Supply Voltage (Dual Supply)
AVDD (V)
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
Figure 21. Supply Current vs. Supply Voltage (Single Supply)
–3
–2
–1
0
1
2
3
4
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
±10V
±5V
+10V
Figure 22. Zero-Scale Error vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
±5V RANGE
±10V RANGE
Figure 23. Bipolar Zero Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com