Electronic Components Datasheet Search
  English  ▼

X  

AD5667 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5667
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5667 Datasheet HTML 20Page - Analog Devices AD5667 Datasheet HTML 21Page - Analog Devices AD5667 Datasheet HTML 22Page - Analog Devices AD5667 Datasheet HTML 23Page - Analog Devices AD5667 Datasheet HTML 24Page - Analog Devices AD5667 Datasheet HTML 25Page - Analog Devices AD5667 Datasheet HTML 26Page - Analog Devices AD5667 Datasheet HTML 27Page - Analog Devices AD5667 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 24 of 32
SLAVE
ADDRESS
COMMAND
BYTE
MOST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
LEAST SIGNIFICANT
DATA BYTE
LEAST SIGNIFICANT
DATA BYTE
S = 1
BLOCK 1
S = 1
BLOCK 2
MOST SIGNIFICANT
DATA BYTE
LEAST SIGNIFICANT
DATA BYTE
STOP
S = 1
BLOCK n
Figure 57. Multiple Block Write with Initial Command Byte Only (S = 1)
SLAVE
ADDRESS
COMMAND
BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
LEAST SIGNIFICANT
DATA BYTE
S = 0
BLOCK 1
S = 0
BLOCK 2
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
LEAST SIGNIFICANT
DATA BYTE
STOP
S = 0
BLOCK n
Figure 58. Multiple Block Write with Command Byte in Each Block (S = 0)
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R
S
C2
C1
C0
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
Figure 59. AD5667R/AD5667 Input Shift Register (16-Bit DAC)
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R
S
C2
C1
C0
A2
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
Figure 60. AD5647R Input Shift Register (14-Bit DAC)
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R
S
C2
C1
C0
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
Figure 61. AD5627R/AD5627 Input Shift Register (12-Bit DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com