Electronic Components Datasheet Search
  English  ▼

X  

AD5724 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5724
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5724 Datasheet(HTML) 4 Page - Analog Devices

  AD5724 Datasheet HTML 1Page - Analog Devices AD5724 Datasheet HTML 2Page - Analog Devices AD5724 Datasheet HTML 3Page - Analog Devices AD5724 Datasheet HTML 4Page - Analog Devices AD5724 Datasheet HTML 5Page - Analog Devices AD5724 Datasheet HTML 6Page - Analog Devices AD5724 Datasheet HTML 7Page - Analog Devices AD5724 Datasheet HTML 8Page - Analog Devices AD5724 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5724/AD5734/AD5754
Rev. 0 | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS3
DVCC = 2.7 V to 5.5 V, JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
±1
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS (SDO)3
Output Low Voltage, VOL
0.4
V
DVCC = 5 V ± 10%, sinking 200 μA
Output High Voltage, VOH
DVCC − 1
V
DVCC = 5 V ± 10%, sourcing 200 μA
Output Low Voltage, VOL
0.4
V
DVCC = 2.7 V to 3.6 V, sinking 200 μA
Output High Voltage, VOH
DVCC − 0.5
V
DVCC = 2.7 V to 3.6 V, sourcing 200 μA
High Impedance Leakage Current
−1
+1
μA
High Impedance Output Capacitance
5
pF
POWER REQUIREMENTS
AVDD
4.5
16.5
V
AVSS
−4.5
−16.5
V
DVCC
2.7
5.5
V
Power Supply Sensitivity3
∆VOUT/∆ΑVDD
−65
dB
AIDD
2.5
mA/channel
Outputs unloaded
1.75
mA/channel
AVSS = 0 V, outputs unloaded
AISS
2.2
mA/channel
Outputs unloaded
DICC
0.5
3
μA
VIH = DVCC, VIL = GND
Power Dissipation
310
mW
±16.5 V operation, outputs unloaded
115
mW
16.5 V operation, AVSS = 0 V, outputs unloaded
Power-Down Currents
AIDD
40
μA
AISS
40
μA
DICC
300
nA
1 For specified performance, maximum headroom requirement is 0.9 V.
2 INL is measured from Code 512, Code 128, and Code 32 for the AD5754, the AD5734, and the AD5724, respectively.
3 Guaranteed by characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com