Electronic Components Datasheet Search
  English  ▼

X  

AD5763 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5763
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5763 Datasheet HTML 7Page - Analog Devices AD5763 Datasheet HTML 8Page - Analog Devices AD5763 Datasheet HTML 9Page - Analog Devices AD5763 Datasheet HTML 10Page - Analog Devices AD5763 Datasheet HTML 11Page - Analog Devices AD5763 Datasheet HTML 12Page - Analog Devices AD5763 Datasheet HTML 13Page - Analog Devices AD5763 Datasheet HTML 14Page - Analog Devices AD5763 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Preliminary Technical Data
AD5763
Rev. PrA | Page 11 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5763
TOP VIEW
(Not to Scale)
SYNC
SCLK
SDIN
SDO
CLR
LDAC
D1
D0
NC
NC
VOUTA
AGNDA
AGNDB
VOUTB
NC
NC
1
32
25
916
8
24
17
PIN 1
INDICATOR
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low,
data is transferred in on the falling edge of SCLK.
2
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This operates at
clock speeds up to 30 MHz.
3
SDIN
Serial Data Input. Data must be valid on the falling edge of SCLK.
4
SDO
Serial Data Output. Used to clock data from the serial register in daisy-chain or readback mode.
51
CLR1
Negative Edge Triggered Input. Asserting this pin sets the DAC registers to 0x0000.
6
LDAC
Load DAC. Logic input. This is used to update the DAC registers and consequently the analog outputs.
When tied permanently low, the addressed DAC register is updated on the rising edge of SYNC. If
LDAC is held high during the write cycle, the DAC input register is updated but the output update is
held off until the falling edge of LDAC. In this mode, all analog outputs can be updated
simultaneously on the falling edge of LDAC. The LDAC pin must not be left unconnected.
7, 8
D0, D1
D0 and D1 form a digital I/O port. The user can set up these pins as inputs or outputs that are
configurable and readable over the serial interface. When configured as inputs, these pins have weak
internal pull-ups to DVCC. When programmed as outputs, D0 and D1 are referenced by DVCC and DGND.
9
RSTOUT
Reset Logic Output. This is the output from the on-chip voltage monitor used in the reset circuit. If
desired, it can be used to control other system components.
10
RSTIN
Reset Logic Input. This input allows external access to the internal reset logic. Applying a Logic 0 to
this input clamps the DAC outputs to 0 V. In normal operation, RSTIN should be tied to Logic 1.
Register values remain unchanged.
11
DGND
Digital Ground Pin.
12
DVCC
Digital Supply Pin. Voltage ranges from 2.7 V to 5.25 V.
13, 31
AVDD
Positive Analog Supply Pins. Voltage ranges from 4.75 V to 5.25 V.
14
PGND
Ground Reference Point for Analog Circuitry.
15, 30
AVSS
Negative Analog Supply Pins. Voltage ranges from –4.75 V to –5.25 V.
16
ISCC
This pin is used in association with an optional external resistor to AGND to program the short-circuit
current of the output amplifiers. Refer to the AD5763 Features section on page 25 for further details.
17
NC
No Internal Connection
18
NC
No Internal Connection
19
VOUTB
Analog Output Voltage of DAC B. Buffered output with a nominal full-scale output range of ±4.096 V. The
output amplifier is capable of directly driving a 5 kΩ, 200 pF load.
20
AGNDB
Ground Reference Pin for DAC B Output Amplifier.
21
AGNDA
Ground Reference Pin for DAC A Output Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com