Electronic Components Datasheet Search
  English  ▼

X  

AD5754BREZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD5754BREZ
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754BREZ Datasheet(HTML) 3 Page - Analog Devices

  AD5754BREZ Datasheet HTML 1Page - Analog Devices AD5754BREZ Datasheet HTML 2Page - Analog Devices AD5754BREZ Datasheet HTML 3Page - Analog Devices AD5754BREZ Datasheet HTML 4Page - Analog Devices AD5754BREZ Datasheet HTML 5Page - Analog Devices AD5754BREZ Datasheet HTML 6Page - Analog Devices AD5754BREZ Datasheet HTML 7Page - Analog Devices AD5754BREZ Datasheet HTML 8Page - Analog Devices AD5754BREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5724/AD5734/AD5754
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD = 4.5 V1 to 16.5 V; AVSS = −4.5 V1 to −16.5 V, or 0 V; GND = 0 V; REFIN= 2.5 V; DVCC = 2.7 V to 5.5 V; RLOAD = 2 kΩ;
CLOAD = 200 pF; all specifications TMIN to TMAX.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
AD5754
16
Bits
AD5734
14
Bits
AD5724
12
Bits
Total Unadjusted Error (TUE)
A Version
−0.3
+0.3
% FSR
B Version
−0.1
+0.1
% FSR
Relative Accuracy (INL)2
AD5754
−16
+16
LSB
AD5734
−4
+4
LSB
AD5724
−1
+1
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
All models, all versions, guaranteed monotonic
Bipolar Zero Error
−6
+6
mV
TA = 25°C, error at other temperatures obtained
using bipolar zero error TC
Bipolar Zero Error TC3
±4
ppm FSR/°C
Zero-Scale Error
−6
6
mV
TA = 25°C, error at other temperatures
obtained using zero-scale error TC
Zero-Scale Error TC3
±4
ppm FSR/°C
Offset Error
−6
+6
mV
TA = 25°C, error at other temperatures
obtained using offset error TC
Offset Error TC3
±4
ppm FSR/°C
Gain Error
−0.025
+0.025
% FSR
±10 V range, TA = 25°C, error at other
temperatures obtained using gain error TC
Gain Error3
−0.065
0
% FSR
+10 V and +5 V ranges, TA = 25°C, error at other
temperatures obtained using gain error TC
Gain Error3
0
+0.08
% FSR
±5 V range, TA = 25°C, error at other
temperatures obtained using gain error TC
Gain Error TC3
±8
ppm FSR/°C
DC Crosstalk3
120
μV
REFERENCE INPUT3
Reference Input Voltage
2.5
V
±1% for specified performance
DC Input Impedance
1
5
MΩ
Input Current
−2
±0.5
+2
μA
Reference Range
2
3
V
OUTPUT CHARACTERISTICS3
Output Voltage Range
−10.8
+10.8
V
AVDD/AVSS = ±11.7 V min, REFIN = +2.5 V
−12
+12
V
AVDD/AVSS = ±12.9 V min, REFIN = +3 V
Headroom Required
0.5
0.9
V
Output Voltage TC
±4
ppm FSR/°C
Short-Circuit Current
20
mA
Load
2
kΩ
For specified performance
Capacitive Load Stability
4000
pF
DC Output Impedance
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com