| Electronic Components Datasheet Search |
|
AD7682 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7682 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 28 page ![]() AD7949 Rev. A | Page 23 of 28 READ/WRITE SPANNING CONVERSION WITHOUT A BUSY INDICATOR This mode is used when the AD7949 is connected to any host using an SPI, serial port, or FPGA. The connection diagram is shown in Figure 33, and the corresponding timing is given in Figure 34. For SPI, the host should use CPHA = CPOL = 0. Reading/writing spanning conversion is shown, which covers all three modes detailed in the Digital Interface section. A rising edge on CNV initiates a conversion, forces SDO to high impedance, and ignores data present on DIN. After a conversion is initiated, it continues until completion irrespective of the state of CNV. CNV must be returned high before the safe data transfer time, tDATA, and then held high beyond the conversion time, tCONV, to avoid generation of the busy signal indicator. After the conversion is complete, the AD7949 enters the acquisition phase and powers down. When the host brings CNV low after tCONV (max), the MSB is enabled on SDO. The host also must enable the MSB of CFG at this time (if necessary) to begin the CFG update. While CNV is low, both a CFG update and a data readback take place. The first 14 SCK rising edges are used to update the CFG, and the first 13 SCK falling edges clock out the conversion results starting with MSB − 1. The restriction for both configuring and reading is that they both occur before the tDATA time of the next conversion elapses. All 14 bits of CFG[13:0] must be written or they are ignored. Also, if the 14-bit conversion result is not read back before tDATA elapses, it is lost. The SDO data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate, provided it has an acceptable hold time. After the 14th (or 28th) SCK falling edge, or when CNV goes high (whichever occurs first), SDO returns to high impedance. If CFG readback is enabled, the CFG associ- ated with the conversion result (n − 1) is read back MSB first following the LSB of the conversion result. A total of 30 SCK falling edges is required to return SDO to high impedance if this is enabled. MISO MOSI SCK SS CNV FOR SPI USE CPHA = 0, CPOL = 0. SCK SDO DIN AD7949 DIGITAL HOST Figure 33. Connection Diagram for the AD7949 Without a Busy Indicator UPDATE (n) CFG/SDO UPDATE (n + 1) CFG/SDO ACQUISITION (n) ACQUISITION (n + 1) ACQUISITION (n - 1) MSB MSB – 1 1 2 BEGIN DATA (n – 1) BEGIN CFG (n + 1) CFG MSB tCLSCK tSDIN tHDIN tHSDO tDSDO tDIS tDIS LSB + 1 12 13 SEE NOTE SEE NOTE 14/ 28 CONVERSION (n) RETURN CNV HIGH FOR NO BUSY END DATA (n – 1) END CFG (n + 1) CFG LSB X X tACQ > tCONV tCONV tDATA tCNVH LSB SCK CNV DIN SDO tEN tEN tEN tDIS tDIS LSB + 1 12 13 14/ 28 CONVERSION (n – 1) RETURN CNV HIGH FOR NO BUSY END DATA (n – 2) END CFG (n) CFG LSB X X tCONV tDATA LSB tCYC CFG MSB – 1 NOTES: 1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF 15 SCK FALLING EDGES = LSB OF CONVERSION RESULTS. 29 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER. ON THE 16TH OR 30TH SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE. (QUIET TIME) (QUIET TIME) Figure 34. Serial Interface Timing for the AD7949 Without a Busy Indicator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |