Electronic Components Datasheet Search
  English  ▼

X  

AD8275ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8275ARMZ
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8275ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8275ARMZ Datasheet HTML 5Page - Analog Devices AD8275ARMZ Datasheet HTML 6Page - Analog Devices AD8275ARMZ Datasheet HTML 7Page - Analog Devices AD8275ARMZ Datasheet HTML 8Page - Analog Devices AD8275ARMZ Datasheet HTML 9Page - Analog Devices AD8275ARMZ Datasheet HTML 10Page - Analog Devices AD8275ARMZ Datasheet HTML 11Page - Analog Devices AD8275ARMZ Datasheet HTML 12Page - Analog Devices AD8275ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8275
Rev. 0 | Page 9 of 16
40
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
TEMPERATURE (°C)
+SR
–SR
3.3V
5V
Figure 23. Slew Rate vs. Temperature
Figure 26. Small Signal Overshoot vs. Capacitive Load,
No Resistive Load
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
1µs/DIV
CLOAD = 47pF
600Ω
2kΩ
10kΩ
1µs/DIV
NO LOAD
Figure 24. Small Signal Step Response for Various Resistive Loads
(Step Responses Staggered for Clarity)
NO RESISTIVE LOAD
20pF
3.3V
5V
Figure 27. Small Signal Overshoot vs. Capacitive Load,
600 Ω in Parallel with Capacitive Load
0
10
20
30
40
50
60
47pF
NO CAP
100pF
Figure 25. Small Signal Pulse Response for Various Capacitive Loads
(Step Responses Staggered for Clarity)
3.3V
5V
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
Figure 28. Small Signal Overshoot vs. Capacitive Load,
2 kΩ in Parallel with Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com