Electronic Components Datasheet Search
  English  ▼

X  

AD8295 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8295
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8295 Datasheet HTML 3Page - Analog Devices AD8295 Datasheet HTML 4Page - Analog Devices AD8295 Datasheet HTML 5Page - Analog Devices AD8295 Datasheet HTML 6Page - Analog Devices AD8295 Datasheet HTML 7Page - Analog Devices AD8295 Datasheet HTML 8Page - Analog Devices AD8295 Datasheet HTML 9Page - Analog Devices AD8295 Datasheet HTML 10Page - Analog Devices AD8295 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8295
Rev. 0 | Page 7 of
28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Input Voltage
Common-Mode
±VS
Differential
±VS
Storage Temperature Range
−65°C to +130°C
Operating Temperature Range1
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
130°C
ESD (Human Body Model)
2000 V
ESD (Charge Device Model)
500 V
ESD (Machine Model)
200 V
1 Temperature range for specified performance is −40°C to +85°C. See the
Typical Performance Characteristics section for expected operation from
85°C to 125°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Specifications are provided for a device in free air.
Table 7.
Package
θJA
Unit
16-Lead LFCSP_VQ
86
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com