Electronic Components Datasheet Search
  English  ▼

X  

AD9520-4 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9520-4
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9520-4 Datasheet HTML 45Page - Analog Devices AD9520-4 Datasheet HTML 46Page - Analog Devices AD9520-4 Datasheet HTML 47Page - Analog Devices AD9520-4 Datasheet HTML 48Page - Analog Devices AD9520-4 Datasheet HTML 49Page - Analog Devices AD9520-4 Datasheet HTML 50Page - Analog Devices AD9520-4 Datasheet HTML 51Page - Analog Devices AD9520-4 Datasheet HTML 52Page - Analog Devices AD9520-4 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
AD9520-4
Rev. 0 | Page 49 of 84
R2
200Ω
R1
200Ω
SW1B
SW1A
SW2
QN2
QN1
N2
N1
OUT
OUT
4.4mA
Figure 51. LVPECL Output Simplified Equivalent Circuit
CMOS Output Drivers
The user can also individually configure each LVPECL output
as a pair of CMOS outputs, which provides up to 24 CMOS
outputs. When an output is configured as CMOS, the CMOS
Output A and CMOS Output B are automatically turned on. For
a given differential pair, either the CMOS Output A or Output B
can be turned on or off independently. The user can also select
the relative polarity of the CMOS outputs for any combination of
inverting and noninverting (see Register 0x0F0 to Register 0x0FB).
The user can power down each CMOS output as needed to save
power. The CMOS output power-down is individually controlled
by the enable CMOS output register (0x0F0[6:5] to 0x0FB[6:5]).
The CMOS driver is in tristate when it is powered down.
OUT1/
OUT1
VS_DRV
Figure 52. CMOS Equivalent Output Circuit
RESET MODES
The AD9520 has a power-on reset (POR) and several other
ways to apply a reset condition to the chip.
Power-On Reset
During chip power-up, a power-on reset pulse is issued when
VS reaches ~2.6 V (<2.8 V) and restores the chip either to the
setting stored in EEPROM (with the EEPROM pin = 1) or to
the on-chip setting (with the EEPROM pin = 0). At power-on,
the AD9520 also executes a SYNC operation, which brings the
outputs into phase alignment according to the default settings.
It takes ~70 ms for the outputs to begin toggling after the
power-on reset pulse signal is internally generated.
Hardware Reset via the RESET Pin
RESET, a hard reset (an asynchronous hard reset is executed by
briefly pulling RESET low), restores the chip either to the setting
stored in EEPROM (the EEPROM pin = 1) or to the on-chip
setting (the EEPROM pin = 0). A hard reset also executes a
SYNC operation, which brings the outputs into phase
alignment according to the default settings. When EEPROM is
inactive (the EEPROM pin = 0), it takes ~2 μs for the outputs to
begin toggling after RESET is issued. When EEPROM is active
(the EEPROM pin = 1), it takes ~20 ms for the outputs to toggle
after RESET is brought high.
Soft Reset via the Serial Port
The serial port control register allows for a soft reset by setting
Bit 2 and Bit 5 in Register 0x000. When Bit 5 and Bit 2 are set,
the chip enters a soft reset mode and restores the chip either to
the setting stored in EEPROM (the EEPROM pin = 1) or to the
on-chip setting (the EEPROM pin = 0), except for Register 0x000.
These bits are self-clearing. During the internal reset, the outputs
are held static.
Soft Reset to Settings in EEPROM when EEPROM Pin = 0 via
the Serial Port
The serial port control register allows the chip to be reset to
settings in EEPROM when the EEPROM pin = 1 via 0xB02[1].
This bit is self-clearing. This bit does not have any effect when
EEPROM pin = 0. It takes ~20 ms for the outputs to begin
toggling after soft_EEPROM register is cleared.
POWER-DOWN MODES
Chip Power-Down via PD
The AD9520 can be put into a power-down condition by
pulling the PD pin low. Power-down turns off most of the
functions and currents inside the AD9520. The chip remains in
this power-down state until PD is brought back to logic high.
When taken out of power down mode, the AD9520 returns to
the settings programmed into its registers prior to the power-
down, unless the registers are changed by new programming
while the PD pin is held low.
Powering down the chip shuts down the currents on the chip,
except the bias current necessary to maintain the LVPECL
outputs in a safe shutdown mode. The LVPECL bias currents are
needed to protect the LVPECL output circuitry from damage that
can be caused by certain termination and load configurations
when tristated. Because this is not a complete power-down, it
can be called sleep mode. The AD9520 contains special circuitry to
prevent runt pulses on the outputs when the chip is entering or
exiting sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com