Electronic Components Datasheet Search
  English  ▼

X  

AD9992BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 5Page - Analog Devices AD9992BBCZ Datasheet HTML 6Page - Analog Devices AD9992BBCZ Datasheet HTML 7Page - Analog Devices AD9992BBCZ Datasheet HTML 8Page - Analog Devices AD9992BBCZ Datasheet HTML 9Page - Analog Devices AD9992BBCZ Datasheet HTML 10Page - Analog Devices AD9992BBCZ Datasheet HTML 11Page - Analog Devices AD9992BBCZ Datasheet HTML 12Page - Analog Devices AD9992BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
AD9992
Rev. C | Page 9 of 92
Pin No.
Mnemonic
Type1
Description
L3
XV19
DO
CCD Vertical Clock 19
K1
XV20
DO
CCD Vertical Clock 20
K2
XV21
DO
CCD Vertical Clock 21
K3
XV22
DO
CCD Vertical Clock 22
J3
XV23
DO
CCD Vertical Clock 23
H3
XV24
DO
CCD Vertical Clock 24
L4
DVDD
P
Digital Logic Supply: 1.8 V
K4
DVSS
P
Digital Logic Ground
L6
D0
DO
Data Output 0 (LSB)
K6
D1
DO
Data Output 1
J6
D2
DO
Data Output 2
L7
D3
DO
Data Output 3
K7
D4
DO
Data Output 4
J7
D5
DO
Data Output 5
L8
D6
DO
Data Output 6
K8
D7
DO
Data Output 7
J8
D8
DO
Data Output 8
L9
D9
DO
Data Output 9
K9
D10
DO
Data Output 10
J9
D11
DO
Data Output 11 (MSB)
L10
DCLK
DO
Data Clock Output
K10
DRVSS
P
Data Driver Ground
L11
DRVDD
P
Data Driver Supply: 1.8 V, 3.0 V
K11
CP3P3
P
Charge Pump 3.3 V Output
J10
CPFCT
AO
Charge Pump Flying Capacitor Top
J11
CPFCB
AO
Charge Pump Flying Capacitor Bottom
H10
CPVSS
P
Charge Pump Ground
H11
CP1P8
P
Charge Pump 1.8 V Input
H9
CPCLI
DI
Charge Pump Clock Input
G11
LDO3P2EN
DI
LDO 3.2 V Output Enable
G9
LDOVSS
P
LDO Ground
F10
LDO1P8EN
DI
LDO 1.8 V Output Enable
F11
SENSE
AI
LDO Output Sense
E11
LDOOUT
AO
LDO Output Voltage
E10
LDOIN
P
LDO 3.3 V Input
F9
H1
DO
CCD Horizontal Clock 1
E9
H2
DO
CCD Horizontal Clock 2
D11
HVSS1
P
H-Driver Ground 1
C11
HVDD1
P
H-Driver Supply 1: 3.3 V
D10
H3
DO
CCD Horizontal Clock 3
C10
H4
DO
CCD Horizontal Clock 4
D9
H5
DO
CCD Horizontal Clock 5
C9
H6
DO
CCD Horizontal Clock 6
B11
HVSS2
P
H-Driver Ground 2
A11
HVDD2
P
H-Driver Supply 2: 3.3 V
B10
H7
DO
CCD Horizontal Clock 7
A10
H8
DO
CCD Horizontal Clock 8
B9
HL
DO
CCD Last Horizontal Clock
B8
RGVSS
P
RG Driver Ground
A8
RGVDD
P
RG Driver Supply: 3.3 V
C8
RG
DO
CCD Reset Gate Clock
B7
TCVSS
P
Analog Ground for Timing Core
A7
TCVDD
P
Timing Core Supply: 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com