Electronic Components Datasheet Search
  English  ▼

X  

ADATE209 Datasheet(PDF) 15 Page - Analog Devices

Part # ADATE209
Description  4.0 Gbps Dual Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADATE209 Datasheet HTML 8Page - Analog Devices ADATE209 Datasheet HTML 9Page - Analog Devices ADATE209 Datasheet HTML 10Page - Analog Devices ADATE209 Datasheet HTML 11Page - Analog Devices ADATE209 Datasheet HTML 12Page - Analog Devices ADATE209 Datasheet HTML 13Page - Analog Devices ADATE209 Datasheet HTML 14Page - Analog Devices ADATE209 Datasheet HTML 15Page - Analog Devices ADATE209 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADATE209
Rev. 0 | Page 15 of 16
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-192-ABB-1 WITH
EXCEPTION TO PACKAGE HEIGHT.
1.00
BSC
A
B
C
D
E
F
G
76
5
4
2
31
BOTTOM VIEW
6.00
BSC SQ
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.10
0.68
0.63
0.58
0.55
0.50
0.45
0.60
0.56
0.52
BALL DIAMETER
SEATING
PLANE
8.10
8.00 SQ
7.90
A1 BALL
CORNER
A1 BALL
CORNER
*1.60 MAX
1.21 NOM
3.225
REF
3.275
REF
0.305 REF
0.100 REF
Figure 33. 49-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-49-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADATE209BBCZ1
−40°C to +85°C
49-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-49-4
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com